Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9148BBCZRL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9148BBCZRL
Szczegółowy opis  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZRL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9148BBCZRL Datasheet HTML 7Page - Analog Devices AD9148BBCZRL Datasheet HTML 8Page - Analog Devices AD9148BBCZRL Datasheet HTML 9Page - Analog Devices AD9148BBCZRL Datasheet HTML 10Page - Analog Devices AD9148BBCZRL Datasheet HTML 11Page - Analog Devices AD9148BBCZRL Datasheet HTML 12Page - Analog Devices AD9148BBCZRL Datasheet HTML 13Page - Analog Devices AD9148BBCZRL Datasheet HTML 14Page - Analog Devices AD9148BBCZRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 11 of 73
1
23
4
5
67
8
9
10
11
12
13
14
1
23
4
5
67
8
9
10
11
12
13
14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
A
B
C
D
E
F
G
H
J
K
L
M
N
P
XX
X
X
X
X
XX
X
X
X
X
+
+
SCLK
CS
SDO
SDIO
TMS
TCK
TDI
TAP
INTERFACE
TDO
NC
PLL
Trch
Trch
RST
IRQ
A0
A2
A0
A2
A3
A3
A4
A4
A5
A5
A6
A6
A7
A7
A8
A9
A10
A11
A12
A13
A14
A15
A8
A9
A10
A11
A12
A13
A14
A15
A1
A1
B0
B2
B0
B2
B3
B3
B4
B4
B5
B5
B6
B6
B7
B7
B8
B9
B10
B11
B8
B9
B10
B11
B1
B1
B13
B13
B12
B14
B15
B12
B14
B15
FrA
FrA
FrB
FrB
DCIB
DCIB
DCIA
DCIA
DVSS
IOVDD
DVDD18
+
X
+LVDS
–LVDS
A15
A15
SPI
INTERFACE
Figure 5. Pin Configuration (Top View), Digital Domain Pins
Table 10. Pin Function Description
Pin No.
Mnemonic
Description
E6, E7, E8, E9
CVDD18
1.8 V Clock Supply.
F5, F6, F7, F8, F9, F10
AVDD33
3.3 V Analog Supply.
A1, A2, A5, A10, A13, A14, B1,
B2, B5, B10, B13, B14, C3, C4, C5,
C6, C7, C8, C9, C10, C11, C12, D3,
D4, D5, D6, D7, D8, D9, D10, D11,
D12E1, E2, E3, E4, E5, E10, E11,
E12, E13, E14, F1, F2, F3, F4, F11,
F12, F13, F14
AVSS
Analog Supply Ground.
G5, G6, G7, G8, G9, G10, H5, H6,
H7, H8, H9, H10
DVSS
Digital Supply Ground.
G3, G4
IOVDD
Supply for Serial Ports (SPI and TAP), RESET and IRQ. 1.8 V to 3.3 V can be
supplied to these pins.
J5, J6, J7, J8, J9, J10, K5, K6, K7,
K8, K9, K10
DVDD18
1.8 V Digital Supply.
B7, B8, H11
NC
Not Connect. Leave this pin unconnected.
C1
IOUT1_N
DAC 1 Complementary Output Current.
D1
IOUT1_P
DAC 1 Positive Output Current.
A3
IOUT2_N
DAC 2 Complementary Output Current.
A4
IOUT2_P
DAC 2 Positive Output Current.
A11
IOUT3_P
DAC 3 Positive Output Current.
A12
IOUT3_N
DAC 3 Complementary Output Current.
C14
IOUT4_N
DAC 4 Complementary Output Current.
D14
IOUT4_P
DAC 4 Positive Output Current.
C2
AUX1_N
Auxiliary DAC 1 Complementary Output Current.
D2
AUX1_P
Auxiliary DAC 1 Positive Output Current.


Podobny numer części - AD9148BBCZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5372-EBZ AD-AD9142-M5372-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5375-EBZ AD-AD9142-M5375-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Podobny opis - AD9148BBCZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
logo
Texas Instruments
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com