Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9148BPCZRL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9148BPCZRL
Szczegółowy opis  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZRL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9148BPCZRL Datasheet HTML 4Page - Analog Devices AD9148BPCZRL Datasheet HTML 5Page - Analog Devices AD9148BPCZRL Datasheet HTML 6Page - Analog Devices AD9148BPCZRL Datasheet HTML 7Page - Analog Devices AD9148BPCZRL Datasheet HTML 8Page - Analog Devices AD9148BPCZRL Datasheet HTML 9Page - Analog Devices AD9148BPCZRL Datasheet HTML 10Page - Analog Devices AD9148BPCZRL Datasheet HTML 11Page - Analog Devices AD9148BPCZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 8 of 73
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect To
Rating
AVDD33, IOVDD
AGND,
DGND,
CGND
−0.3 V to +3.6 V
DVDD18, CVDD18
AGND,
DGND,
CGND
−0.3 V to +2.10 V
AGND
DGND,
CGND
−0.3 V to +0.3 V
DGND
AGND,
CGND
−0.3 V to +0.3 V
CGND
AGND,
DGND
−0.3 V to +0.3 V
I120, VREF
AGND
−0.3 V to AVDD33 + 0.3 V
OUT1_P, OUT1_N,
OUT2_P, OUT2_N,
OUT3_P, OUT3_N,
OUT4_P, OUT4_N
AGND
−1.0 V to AVDD33 + 0.3 V
A15_P to A0_P,
A15_N to A0_N,
B15_P to B0_P,
B15_N, B0_N
DGND
−0.3 V to DVDD18 + 0.3 V
DCIA_P, DCIA_N,
FRAMEA_P, FRAMEA_N,
DCIB_P, DCIB_N,
FRAMEB_P, FRAMEB_N
DGND
−0.3 V to DVDD18+ 0.3 V
CLK_P, CLK_N,
REFCLK_P, REFCLK_N
CGND
−0.3 V to CVDD18 + 0.3
V
CSB, SCLK, SDIO, SDO,
TDO, TDI, TCK, TMS,
RESETE, IRQE, PLL_LOCK
DGND
−0.3 V to IOVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature
Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Typical θJA, θJB, and θJC are specified vs. the number of PCB layers in
still air for each package offering Airflow increases heat dissipation
effectively reducing θJA and θJB.
Table 7. Thermal Resistance
Package Type
θJA
θJB
θJC
Unit
Notes
196-Ball CSP_BGA
24.7
12.6
5.7
°C/W
4-layer board,
25 PCB vias
19.2
10.9
5.3
°C/W
8-layer board,
25 PCB vias
18.1
10.5
5.3
°C/W
10-layer board,
25 PCB vias
18.0
10.5
5.3
°C/W
12-layer board,
25 PCB vias
196-Ball BGA_EP
20.9
8.6
3.1
°C/W
4-layer board,
25 PCB vias
16.2
7.7
3.1
°C/W
8-layer board,
25 PCB vias
15.2
7.4
3.1
°C/W
10-layer board,
25 PCB vias
15.0
7.4
3.1
°C/W
12-layer board,
25 PCB vias
MAXIMUM SAFE POWER DISSIPATION
The maximum junction temperature for the AD9148 is 125°C.
With the thermal resistance of the molded package (CSP_BGA)
given for a 12 layer board, the maximum power that can be
dissipated in this package can be calculated as
(
) (
)
W
T
T
Power
JA
A
J
MAX
22
.
2
0
.
18
85
125
=
=
θ
=
To increase the maximum power, the AD9148 is available in a
second package option (BGA_EP) which includes a heat spreader
on top of the package. Also, an external heat sink can be
attached to the top of the AD9148 CSP_BGA package. The
adjusted maximum power for each of these conditions is shown in
Table 8.
With the thermal resistance of the heat spreader package
(BGA_EP) given for a 12 layer board, the maximum power that
can be dissipated in this package can be calculated as
(
) (
)
W
T
T
Power
JA
A
J
MAX
67
.
2
0
.
15
85
125
=
=
θ
=
To increase the maximum power, an external heat sink can be
attached to the top of the AD9148 BGA_EP package. The
adjusted maximum power for an external heat sink is shown in
Table 8.
To aid in the selection of package, the maximum fDAC rate for a given
power dissipation over several operating conditions is shown in
Table 9. The maximum fDACrate applies to all interpolation rates.
Note that if the programmable inverse sinc filter is enabled the
maximum fDAC rate specified in Table 9 decreases.
ESD CAUTION


Podobny numer części - AD9148BPCZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5372-EBZ AD-AD9142-M5372-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5375-EBZ AD-AD9142-M5375-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Podobny opis - AD9148BPCZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
logo
Texas Instruments
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com