Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT623D Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74ABT623D
Szczegółowy opis  Octal transceiver with dual enable; non-inverting; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT623D Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT623D Datasheet HTML 3Page - NXP Semiconductors 74ABT623D Datasheet HTML 4Page - NXP Semiconductors 74ABT623D Datasheet HTML 5Page - NXP Semiconductors 74ABT623D Datasheet HTML 6Page - NXP Semiconductors 74ABT623D Datasheet HTML 7Page - NXP Semiconductors 74ABT623D Datasheet HTML 8Page - NXP Semiconductors 74ABT623D Datasheet HTML 9Page - NXP Semiconductors 74ABT623D Datasheet HTML 10Page - NXP Semiconductors 74ABT623D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74ABT623_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 October 2009
7 of 15
NXP Semiconductors
74ABT623
Octal transceiver with dual enable; non-inverting; 3-state
10. Dynamic characteristics
11. Waveforms
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit, see Figure 9.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
tPLH
LOW to HIGH
propagation delay
An to Bn or Bn to An; see Figure 6
1.0
2.6
4.1
1.0
4.6
ns
tPHL
HIGH to LOW
propagation delay
An to Bn or Bn to An; see Figure 6
1.0
2.7
4.2
1.0
4.6
ns
tPZH
OFF-state to HIGH
propagation delay
OEAB, OEBA to An or Bn; see Figure 7
and Figure 8
1.7
3.4
6.5
1.7
7.5
ns
tPZL
OFF-state to LOW
propagation delay
OEAB, OEBA to An or Bn; see Figure 7
and Figure 8
1.7
4.8
6.5
1.7
7.5
ns
tPHZ
HIGH to OFF-state
propagation delay
OEAB, OEBA to An or Bn; see Figure 7
and Figure 8
1.7
3.6
6.5
1.7
7.5
ns
tPLZ
LOW to OFF-state
propagation delay
OEAB, OEBA to An or Bn; see Figure 7
and Figure 8
1.7
3.1
6.5
1.7
7.5
ns
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay input (An, Bn) to output (Bn, An)
mna366
An, Bn
input
Bn, An
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


Podobny numer części - 74ABT623D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT623D PHILIPS-74ABT623D Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT623DB PHILIPS-74ABT623DB Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results

Podobny opis - 74ABT623D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
   Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com