Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT657PW Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74ABT657PW
Szczegółowy opis  Octal transceiver with parity generator/checker; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT657PW Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74ABT657PW Datasheet HTML 1Page - NXP Semiconductors 74ABT657PW Datasheet HTML 2Page - NXP Semiconductors 74ABT657PW Datasheet HTML 3Page - NXP Semiconductors 74ABT657PW Datasheet HTML 4Page - NXP Semiconductors 74ABT657PW Datasheet HTML 5Page - NXP Semiconductors 74ABT657PW Datasheet HTML 6Page - NXP Semiconductors 74ABT657PW Datasheet HTML 7Page - NXP Semiconductors 74ABT657PW Datasheet HTML 8Page - NXP Semiconductors 74ABT657PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74ABT657_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 March 2010
4 of 17
NXP Semiconductors
74ABT657
Octal transceiver with parity generator/checker; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 4.
Pin configuration
74ABT657
T/R
OE
A0
B0
A1
B1
A2
B2
A3
B3
A4
GND
VCC
GND
A5
B4
A6
B5
A7
B6
ODD/EVEN
B7
ERROR
PARITY
001aae825
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Table 2.
Pin description
Symbol
Pin
Description
T/R
1
transmit/receive input
A0 to A7
2, 3, 4, 5, 6, 8, 9, 10
A port input/3-state output
VCC
7
positive supply voltage
ODD/EVEN
11
parity select input
ERROR
12
error output in receive mode
PARITY
13
parity output in transmit mode/input in
receive mode
B0 to B7
23, 22, 21, 20, 17, 16, 15, 14
B port input/3-state output
GND
18, 19
ground (0 V)
OE
24
output enable input (active LOW)


Podobny numer części - 74ABT657PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT657PW PHILIPS-74ABT657PW Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657PWDH PHILIPS-74ABT657PWDH Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
More results

Podobny opis - 74ABT657PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com