Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB-12QP-03 Arkusz danych(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Numer części CB-12QP-03
Szczegółowy opis  Rated voltage 1.5(V),DC resistance 42(R)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Strona internetowa  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CB-12QP-03 Arkusz danych(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CB-12QP-03 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
157
CB-12EP
φ12×5.4mm
接続リード/Connection leads:P,W,N
定格電圧
Rated
(V)
1.5
音圧
Sound
(dB)
min.70
(at 10cm)
直流抵抗
DC resistance (Ω)
42
voltage
pressure level
typ.75
平均消費電流
Average current
(mA)
max.10
駆動周波数
Driving
(Hz)
2,048
動作電圧範囲
Operating
(VDC)
1.1∼1.7
consumption
frequency
voltage range
●仕様/Specifications
★1.5V, 2,048Hz, 1/2 duty, 方形波/★At 1.5V, 2,048Hz, 1/2 duty, square wave
●周波数特性/ Frequency
characteristics
●外形寸法図/Outline drawing
100
90
80
70
60
50
dB
1k
2k
3k
5kHz 7k 10k
5
0.9
5.4
6
(+)Terminal
(+)端子
(
−)Terminal
(−)端子
単位/Unit:mm
CB-12GP-03
φ12×8.5mm
接続リード/Connection leads:P,W,N
定格電圧
Rated
(V)
1.5
音圧
Sound
(dB)
min.85
(at 10cm)
直流抵抗
DC resistance (Ω)
17
voltage
pressure level
typ.90
平均消費電流
Average current
(mA)
max.25
駆動周波数
Driving
(Hz)
2,048
動作電圧範囲
Operating
(VDC)
1.1∼1.7
consumption
frequency
voltage range
●仕様/Specifications
★1.5V, 2,048Hz, 1/2 duty, 方形波/★At 1.5V, 2,048Hz, 1/2 duty, square wave
●周波数特性/ Frequency
characteristics
●外形寸法図/Outline drawing
1k
2k
3k
5k Hz7k
10k
100
90
80
70
60
50
dB
5
0.9
8.5
6
φ2.3 放音孔
Sound output hole
極性表示
Indication of polarity
極性表示
Indication of polarity
(+)Terminal
(+)端子
(
−)Terminal
(−)端子
単位/Unit:mm
CB-12QP-03
φ12×7.5mm
接続リード/Connection leads:P
定格電圧
Rated
(V)
1.5
音圧
Sound
(dB)
min.85
(at 10cm)
直流抵抗
DC resistance (Ω)
5
voltage
pressure level
typ.90
平均消費電流
Average current
(mA)
max.70
駆動周波数
Driving
(Hz)
2,731
動作電圧範囲
Operating
(VDC)
1∼2
consumption
frequency
voltage range
●仕様/Specifications
★1.5V, 2,731Hz, 1/2 duty, 方形波/★At 1.5V, 2,731Hz, 1/2 duty, square wave
●周波数特性/ Frequency
characteristics
●外形寸法図/Outline drawing
5
φ12
6.4
0.9
7.5
6
4.15
6
(+)Terminal
Indication of
production lot
(+)端子
ロット表示
エポキシ樹脂
(
−)Terminal
Epoxy resin
(−)端子
単位/Unit:mm
100
90
80
70
60
dB
1k
2k
3k
5k Hz 7k
10k


Podobny numer części - CB-12QP-03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CITIZEN ELECTRONICS CO....
CB-12QP-03 CITIZEN-CB-12QP-03 Datasheet
451Kb / 2P
   Small Magnetic Type Buzzer
More results

Podobny opis - CB-12QP-03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CITIZEN ELECTRONICS CO....
CHB-03A-04 CITIZEN-CHB-03A-04 Datasheet
492Kb / 1P
   Voltage 1.5(V),Direct current resistance 9.5(R)
CB-12QP-09 CITIZEN-CB-12QP-09 Datasheet
452Kb / 1P
   Rated voltage 1.5(V), Driving frequency 2700(Hz)
logo
Texas Instruments
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140A TI-TPS54140A_15 Datasheet
2Mb / 58P
[Old version datasheet]   TPS54140A 1.5-A, 42-V Step-Down DC/DC Converter with Eco-mode?
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
logo
Murata Manufacturing Co...
BLM18SG260TN1 MURATA1-BLM18SG260TN1_V01 Datasheet
281Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com