Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT3G14 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74AHCT3G14
Szczegółowy opis  Inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT3G14 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT3G14 Datasheet HTML 2Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 3Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 4Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 9Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74AHC_AHCT3G14_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
6 of 16
NXP Semiconductors
74AHC3G14; 74AHCT3G14
Inverting Schmitt trigger
11.1 Transfer characteristics
12. Dynamic characteristics
Table 8.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). See Figure 8 and Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC3G14
VT+
positive-going
threshold
voltage
VCC = 3.0 V
-
-
2.2
-
2.2
-
2.2
V
VCC = 4.5 V
-
-
3.15
-
3.15
-
3.15
V
VCC = 5.5 V
-
-
3.85
-
3.85
-
3.85
V
VT−
negative-going
threshold
voltage
VCC = 3.0 V
0.9
-
-
0.9
-
0.9
-
V
VCC = 4.5 V
1.35
-
-
1.35
-
1.35
-
V
VCC = 5.5 V
1.65
-
-
1.65
-
1.65
-
V
VH
hysteresis
voltage
VCC = 3.0 V
0.3
-
1.2
0.3
1.2
0.25
1.2
V
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.5
-
1.6
0.5
1.6
0.45
1.6
V
74AHCT3G14
VT+
positive-going
threshold
voltage
VCC = 4.5 V
-
-
2.0
-
2.0
-
2.0
V
VCC = 5.5 V
-
-
2.0
-
2.0
-
2.0
V
VT−
negative-going
threshold
voltage
VCC = 4.5 V
0.5
-
-
0.5
-
0.5
-
V
VCC = 5.5 V
0.6
-
-
0.6
-
0.6
-
V
VH
hysteresis
voltage
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.4
-
1.6
0.4
1.6
0.35
1.6
V
Table 9.
Dynamic characteristics
GND = 0 V; tr = tf ≤ 3.0 ns; for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC3G14
tpd
propagation
delay
nA to nY; see Figure 6
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.2
12.8
1.0
15.0
1.0
16.5
ns
CL = 50 pF
-
6.0
16.3
1.0
18.5
1.0
20.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.2
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
4.6
10.6
1.0
12.0
1.0
13.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
-10-
-
-
-
-
pF


Podobny numer części - 74AHCT3G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT3G14 PHILIPS-74AHCT3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHCT3G14-Q100 NEXPERIA-74AHCT3G14-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT3G14DC PHILIPS-74AHCT3G14DC Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHCT3G14DC NEXPERIA-74AHCT3G14DC Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
More results

Podobny opis - 74AHCT3G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com