Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16374 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74ALVCH16374
Szczegółowy opis  2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVCH16374 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74ALVCH16374 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74ALVCH16374_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2010
2 of 17
NXP Semiconductors
74ALVCH16374
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Temperature range
Package
Name
Description
Version
74ALVCH16374DL
−40 °C to +85 °C
SSOP48
plastic shrink small outline package; 48 leads;
body width 7.5 mm
SOT370-1
74LVCH16374DGG
−40 °Cto+85 °C
TSSOP48
plastic thin shrink small outline package;
48 leads; body width 6.1 mm
SOT362-1
Fig 1.
Logic symbol
001aal770
1Q0
1Q1
1OE
2OE
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1CP
47
46
48
25
44
43
41
40
38
37
2
3
1
5
6
8
9
11
12
24
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
36
35
33
32
30
29
27
26
13
14
16
17
19
20
22
23
2CP


Podobny numer części - 74ALVCH16374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
logo
Fairchild Semiconductor
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
More results

Podobny opis - 74ALVCH16374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74LVT16374A NXP-74LVT16374A Datasheet
187Kb / 19P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH16374 TI-SN54ALVTH16374_08 Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com