Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC2.2-3E6 Arkusz danych(PDF) 2 Page - Ferroxcube International Holding B.V.

Numer części TC2.2-3E6
Szczegółowy opis  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FERROXCUBE [Ferroxcube International Holding B.V.]
Strona internetowa  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TC2.2-3E6 Arkusz danych(HTML) 2 Page - Ferroxcube International Holding B.V.

  TC2.2-3E6 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TC2.2-3E6 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TC2.2-3E6 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1566
Ferroxcube
Ferrite toroids
TC4/2.2/1.8
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with parylene C, flame retardant in
accordance with “UL 94V-2”; UL file number E 194397.
The coating is transparent.
Maximum operating temperature is 90
°C.
Isolation voltage
DC isolation voltage: 1000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
5.89
mm−1
Ve
effective volume
14.4
mm3
Ie
effective length
9.18
mm
Ae
effective area
1.56
mm2
m
mass of core
≈ 0.07
g
handbook, halfpage
CBW385
coating PARYLENE 'C'
1.78
±0.1
4
±0.15
2.2
±0.1
(
≈12.5 µm)
Fig.1 TC4/2.2/1.8 ring core.
Dimensions (uncoated) in mm.
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
3E6
2130
± 30%
≈ 10000
TC4/2.2/1.8-3E6


Podobny numer części - TC2.2-3E6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ferroxcube Internationa...
TC2.3-3E28 FERROXCUBE-TC2.3-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-3E27 FERROXCUBE-TC2.5-3E27 Datasheet
45Kb / 3P
   Ferrite toroids
TC2.5-3E28 FERROXCUBE-TC2.5-3E28 Datasheet
45Kb / 3P
   Ferrite toroids
TC2.5-3E28 FERROXCUBE-TC2.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-3E5 FERROXCUBE-TC2.5-3E5 Datasheet
45Kb / 3P
   Ferrite toroids
More results

Podobny opis - TC2.2-3E6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com