Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1707ZKBT3 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części AM1707ZKBT3
Szczegółowy opis  AM1707 ARM Microprocessor
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKBT3 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button AM1707ZKBT3 Datasheet HTML 2Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 3Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 4Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 5Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 6Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 7Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 8Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 9Page - Texas Instruments AM1707ZKBT3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
1
AM1707 ARM Microprocessor
........................ 1
6.10
EDMA
............................................... 59
1.1
Features
.............................................. 1
6.11
External Memory Interface A (EMIFA)
............. 64
6.12
External Memory Interface B (EMIFB)
............. 75
1.2
Trademarks
.......................................... 3
6.13
Memory Protection Units
........................... 82
1.3
Description
........................................... 4
6.14
MMC / SD / SDIO (MMCSD)
....................... 85
1.4
Functional Block Diagram
............................ 5
6.15
Ethernet Media Access Controller (EMAC)
......... 88
2
Revision History
......................................... 7
6.16
Management Data Input/Output (MDIO)
........... 93
3
Device Overview
........................................ 8
6.17
Multichannel Audio Serial Ports (McASP0, McASP1,
3.1
Device Characteristics
............................... 8
and McASP2)
....................................... 95
6.18
Serial Peripheral Interface Ports (SPI0, SPI1)
.... 108
3.2
Device Compatibility
................................. 9
3.3
ARM Subsystem
..................................... 9
6.19
Enhanced Capture (eCAP) Peripheral
............ 126
6.20
Enhanced Quadrature Encoder (eQEP) Peripheral
3.4
Memory Map Summary
............................. 12
..................................................... 129
3.5
Pin Assignments
.................................... 15
6.21
Enhanced High-Resolution Pulse-Width Modulator
3.6
Terminal Functions
................................. 16
(eHRPWM)
........................................ 131
4
Device Configuration
................................. 34
6.22
LCD Controller
.................................... 135
4.1
Boot Modes
......................................... 34
6.23
Timers
............................................. 150
4.2
SYSCFG Module
................................... 34
6.24
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
..................................................... 152
4.3
Pullup/Pulldown Resistors
.......................... 36
6.25
Universal Asynchronous Receiver/Transmitter
5
Device Operating Conditions
....................... 37
(UART)
............................................ 157
5.1
Absolute Maximum Ratings Over Operating
6.26
USB1 Host Controller Registers (USB1.1 OHCI)
Junction Temperature Range
..................................................... 159
(Unless Otherwise Noted)
................................. 37
6.27
USB0 OTG (USB2.0 OTG)
........................ 161
5.2
Recommended Operating Conditions
.............. 38
6.28
Host-Port Interface (UHPI)
........................ 169
5.3
Electrical Characteristics Over Recommended
6.29
Power and Sleep Controller (PSC)
................ 176
Ranges of Supply Voltage and Operating Junction
6.30
Programmable Real-Time Unit Subsystem (PRUSS)
Temperature (Unless Otherwise Noted)
............ 39
..................................................... 179
6
Peripheral Information and Electrical
6.31
Emulation Logic
................................... 182
Specifications
.......................................... 40
6.32
IEEE 1149.1 JTAG
................................ 188
6.1
Parameter Information
.............................. 40
6.33
Real Time Clock (RTC)
........................... 190
6.2
Recommended Clock and Control Signal Transition
7
Device and Documentation Support
............. 193
Behavior
............................................ 41
6.3
Power Supplies
..................................... 42
7.1
Device Support
.................................... 193
6.4
Unused USB0 (USB2.0) and USB1 (USB1.1) Pin
7.2
Documentation Support
........................... 193
Configurations
...................................... 42
8
Mechanical Packaging and Orderable
6.5
Reset
............................................... 43
Information
............................................ 194
8.1
Device and Development-Support Tool
6.6
Crystal Oscillator or External Clock Input
.......... 46
Nomenclature
..................................... 194
6.7
Clock PLLs
......................................... 48
6.8
Interrupts
............................................ 52
8.2
Thermal Data for ZKB
............................. 194
6.9
General-Purpose Input/Output (GPIO)
............. 56
8.3
Mechanical Drawings
............................. 195
6
Contents
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707


Podobny numer części - AM1707ZKBT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM1707ZKBT3 TI-AM1707ZKBT3 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
More results

Podobny opis - AM1707ZKBT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com