Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV132PW Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74LV132PW
Szczegółowy opis  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV132PW Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74LV132PW Datasheet HTML 1Page - NXP Semiconductors 74LV132PW Datasheet HTML 2Page - NXP Semiconductors 74LV132PW Datasheet HTML 3Page - NXP Semiconductors 74LV132PW Datasheet HTML 4Page - NXP Semiconductors 74LV132PW Datasheet HTML 5Page - NXP Semiconductors 74LV132PW Datasheet HTML 6Page - NXP Semiconductors 74LV132PW Datasheet HTML 7Page - NXP Semiconductors 74LV132PW Datasheet HTML 8Page - NXP Semiconductors 74LV132PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74LV132 is a low-voltage Si-gate CMOS device that is pin and function compatible
with 74HC132 and 74HCT132.
The 74LV132 contains four 2-input NAND gates which accept standard input signals.
They are capable of transforming slowly changing input signals into sharply defined,
jitter-free output signals.
The gate switches at different points for positive and negative-going signals. The
difference between the positive voltage VT+ and the negative voltage VT− is defined as the
input hysteresis voltage VH.
2.
Features
I Wide operating voltage: 1.0 V to 5.5 V
I Optimized for low voltage applications: 1.0 V to 3.6 V
I Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
I Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
I Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and
Tamb =25 °C
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Multiple package options
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
3.
Applications
I Wave and pulse shapers for highly noisy environments
I Astable multivibrators
I Monostable multivibrators
74LV132
Quad 2-input NAND Schmitt trigger
Rev. 05 — 2 July 2009
Product data sheet


Podobny numer części - 74LV132PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV132PW PHILIPS-74LV132PW Datasheet
117Kb / 12P
   Quad 2-input NAND Schmitt-trigger
1998 Apr 28
74LV132PW NXP-74LV132PW Datasheet
105Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 04-12 November 2007
logo
Nexperia B.V. All right...
74LV132PW NEXPERIA-74LV132PW Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LV132PW-Q100 NEXPERIA-74LV132PW-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
logo
NXP Semiconductors
74LV132PWDH PHILIPS-74LV132PWDH Datasheet
117Kb / 12P
   Quad 2-input NAND Schmitt-trigger
1998 Apr 28
More results

Podobny opis - 74LV132PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com