Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3111D1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3111D1
Szczegółowy opis  10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA3111D1 Datasheet HTML 3Page - Texas Instruments TPA3111D1 Datasheet HTML 4Page - Texas Instruments TPA3111D1 Datasheet HTML 5Page - Texas Instruments TPA3111D1 Datasheet HTML 6Page - Texas Instruments TPA3111D1 Datasheet HTML 7Page - Texas Instruments TPA3111D1 Datasheet HTML 8Page - Texas Instruments TPA3111D1 Datasheet HTML 9Page - Texas Instruments TPA3111D1 Datasheet HTML 10Page - Texas Instruments TPA3111D1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G001
PO = 2.5 W
PO = 5 W
Gain = 20 dB
VCC = 12 V
ZL = 8 Ω + 66 µH
PO = 1 W
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G002
Gain = 20 dB
VCC = 24 V
ZL = 8 Ω + 66 µH
PO = 10 W
PO = 5 W
PO = 1 W
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G003
PO = 10 W
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
PO = 1 W
PO = 5 W
PO − Output Power − W
0.01
0.1
1
10
0.001
0.1
10
20
0.01
1
G004
f = 1 kHz
Gain = 20 dB
VCC = 12 V
ZL = 8 Ω + 66 µH
f = 20 Hz
f = 10 kHz
TPA3111D1
www.ti.com ................................................................................................................................................................................................ SLOS618 – AUGUST 2009
TYPICAL CHARACTERISTICS
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at ti.com.)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 2.
Figure 3.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 4.
Figure 5.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA3111D1


Podobny numer części - TPA3111D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3111D1 TI-TPA3111D1 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI1-TPA3111D1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

Podobny opis - TPA3111D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com