Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103NN Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części Z0103NN
Szczegółowy opis  Logic level four-quadrant triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103NN Arkusz danych(HTML) 3 Page - NXP Semiconductors

  Z0103NN Datasheet HTML 1Page - NXP Semiconductors Z0103NN Datasheet HTML 2Page - NXP Semiconductors Z0103NN Datasheet HTML 3Page - NXP Semiconductors Z0103NN Datasheet HTML 4Page - NXP Semiconductors Z0103NN Datasheet HTML 5Page - NXP Semiconductors Z0103NN Datasheet HTML 6Page - NXP Semiconductors Z0103NN Datasheet HTML 7Page - NXP Semiconductors Z0103NN Datasheet HTML 8Page - NXP Semiconductors Z0103NN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Z0103NN_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 5 August 2009
3 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state
voltage
-800
V
IT(RMS)
RMS on-state current
half sine wave; Tsp ≤ 89 °C; see Figure 1 and 4
-1
A
dIT/dt
rate of rise of on-state
current
IT =1A; IG =20mA; dIG/dt = 100 mA/µs; T2+ G-
-
50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs; T2+ G+
-
50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs; T2- G+
-
20
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs; T2- G-
-
50
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
ITSM
non-repetitive peak
on-state current
full sine wave; tp = 16.7 ms; Tj(init) =25°C
-
8.5
A
full sine wave; tp = 20 ms; Tj(init) =25°C;
see Figure 2 and 3
-8
A
I2tI2t for fusing
tp = 10 ms; sine-wave pulse
-
0.32
A2s
PG(AV)
average gate power
-
0.1
W
Fig 1.
Total power dissipation as a function of RMS on-state current; maximum values
003aac259
0.0
0.4
0.8
1.2
1.6
2.0
0
0.2
0.4
0.6
0.8
1
1.2
IT(RMS) (A)
Ptot
(W)
α= 180°
120
°
90
°
60
°
30
°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α


Podobny numer części - Z0103NN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103NN PHILIPS-Z0103NN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103NN STMICROELECTRONICS-Z0103NN Datasheet
74Kb / 8P
   1A TRIACS
Z0103NN STMICROELECTRONICS-Z0103NN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103NN NXP-Z0103NN Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
logo
WeEn Semiconductors
Z0103NN WEEN-Z0103NN Datasheet
497Kb / 14P
   4Q Triac
More results

Podobny opis - Z0103NN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com