Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103NN Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części Z0103NN
Szczegółowy opis  Logic level four-quadrant triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103NN Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button Z0103NN Datasheet HTML 4Page - NXP Semiconductors Z0103NN Datasheet HTML 5Page - NXP Semiconductors Z0103NN Datasheet HTML 6Page - NXP Semiconductors Z0103NN Datasheet HTML 7Page - NXP Semiconductors Z0103NN Datasheet HTML 8Page - NXP Semiconductors Z0103NN Datasheet HTML 9Page - NXP Semiconductors Z0103NN Datasheet HTML 10Page - NXP Semiconductors Z0103NN Datasheet HTML 11Page - NXP Semiconductors Z0103NN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Z0103NN_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 5 August 2009
10 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
Z0103NN_3
20090805
Product data sheet
-
Z0103_07_09_SERIES-02
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Type number Z0103NN separated from data sheet Z0103_07_09_SERIES-02.
Z0103_07_09_SERIES-02
(9397 750 10102)
20020912
Product data
-
Z0103_07_09_SERIES-01
Z0103_07_09_SERIES-01
(9397 750 09419)
20020411
Product data
-
-


Podobny numer części - Z0103NN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103NN PHILIPS-Z0103NN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103NN STMICROELECTRONICS-Z0103NN Datasheet
74Kb / 8P
   1A TRIACS
Z0103NN STMICROELECTRONICS-Z0103NN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103NN NXP-Z0103NN Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
logo
WeEn Semiconductors
Z0103NN WEEN-Z0103NN Datasheet
497Kb / 14P
   4Q Triac
More results

Podobny opis - Z0103NN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com