Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0801S040 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części ADC0801S040
Szczegółowy opis  Single 8 bits ADC, up to 40 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0801S040 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  ADC0801S040 Datasheet HTML 1Page - NXP Semiconductors ADC0801S040 Datasheet HTML 2Page - NXP Semiconductors ADC0801S040 Datasheet HTML 3Page - NXP Semiconductors ADC0801S040 Datasheet HTML 4Page - NXP Semiconductors ADC0801S040 Datasheet HTML 5Page - NXP Semiconductors ADC0801S040 Datasheet HTML 6Page - NXP Semiconductors ADC0801S040 Datasheet HTML 7Page - NXP Semiconductors ADC0801S040 Datasheet HTML 8Page - NXP Semiconductors ADC0801S040 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ADC0801S040_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 August 2008
3 of 19
NXP Semiconductors
ADC0801S040
Single 8 bits ADC, up to 40 MHz
6.
Block diagram
Fig 1.
Block diagram
7
9
Rlad
8
10
RB
RM
RT
VI
3
VDDD
5
VDDA
2
CMOS
OUTPUTS
LATCHES
CLOCK DRIVER
014aaa495
1
CLK
SLEEP
ADC0801S040
20
VDDO
6
VSSA
analog ground
digital ground
4
VSSD
11
VSSO
output ground
analog
voltage input
data outputs
LSB
MSB
19
D7
18
D6
17
D5
16
D4
15
D3
14
D2
13
D1
12
D0
ANALOG - TO - DIGITAL
CONVERTER


Podobny numer części - ADC0801S040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC0801S040 RENESAS-ADC0801S040 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040TS IDT-ADC0801S040TS Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
More results

Podobny opis - ADC0801S040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com