Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC369-16 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części BC369-16
Szczegółowy opis  PNP medium power transistor;
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC369-16 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  BC369-16 Datasheet HTML 1Page - NXP Semiconductors BC369-16 Datasheet HTML 2Page - NXP Semiconductors BC369-16 Datasheet HTML 3Page - NXP Semiconductors BC369-16 Datasheet HTML 4Page - NXP Semiconductors BC369-16 Datasheet HTML 5Page - NXP Semiconductors BC369-16 Datasheet HTML 6Page - NXP Semiconductors BC369-16 Datasheet HTML 7Page - NXP Semiconductors BC369-16 Datasheet HTML 8Page - NXP Semiconductors BC369-16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2004 Nov 05
5
NXP Semiconductors
Product data sheet
PNP medium power transistor;
20 V, 1 A
BC369
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −25 V; IE = 0 A
−100 nA
VCB = −25 V; IE = 0 A; Tj = 150 °C
−10
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0 A
−100 nA
hFE
DC current gain
BC369
VCE = −10 V; IC = −5 mA
50
VCE = −1 V; IC = −500 mA
85
375
VCE = −1 V; IC = −1 A
60
BC369-16
VCE = −1 V; IC = −500 mA
100
250
BC369-25
VCE = −1 V; IC = −500 mA
160
375
VCEsat
collector-emitter saturation voltage IC = −1 A; IB = −100 mA
−500 mV
VBE
base-emitter voltage
VCE = −10 V; IC = −5 mA
−700 mV
VCE = −1 V; IC = −1 A
−1
V
Cc
collector capacitance
VCB = −10 V; IE = ie = 0 A; f = 1 MHz
28
pF
fT
transition frequency
VCE = −5 V; IC = −50 mA; f = 100 MHz 40
140
MHz


Podobny numer części - BC369-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC369-16 PHILIPS-BC369-16 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
More results

Podobny opis - BC369-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com