Zakładka z wyszukiwarką danych komponentów |
|
Z0109MA Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
Z0109MA Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 12 page Z0109MA_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 4 August 2009 3 of 12 NXP Semiconductors Z0109MA Logic level four-quadrant triac Fig 1. Total power dissipation as a function of RMS on-state current; maximum values Fig 2. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values 003aac259 0.0 0.4 0.8 1.2 1.6 2.0 0 0.2 0.4 0.6 0.8 1 1.2 IT(RMS) (A) Ptot (W) α= 180° 120 ° 90 ° 60 ° 30 ° conduction angle (degrees) form factor a 30 60 90 120 180 4 2.8 2.2 1.9 1.57 α 003aad318 0 2 4 6 8 10 1 10 10 2 10 3 number of cycles ITSM (A) ITSM t IT Tj(init) = 25 °C max 1/f |
Podobny numer części - Z0109MA |
|
Podobny opis - Z0109MA |