Zakładka z wyszukiwarką danych komponentów |
|
Z0109MN Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
Z0109MN Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 12 page Z0109MN_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 5 August 2009 6 of 12 NXP Semiconductors Z0109MN Logic level four-quadrant triac 6. Characteristics Table 6. Characteristics Symbol Parameter Conditions Min Typ Max Unit Static characteristics IGT gate trigger current VD =12V; Tj = 25 °C; T2+ G-; see Figure 6 --10 mA VD =12V; Tj = 25 °C; T2- G- - - 10 mA VD =12V; Tj = 25 °C; T2+ G+ - - 10 mA VD =12V; Tj = 25 °C; T2- G+ - - 10 mA IL latching current VD =12V; Tj =25 °C; IG = 0.1 A; T2+ G-; see Figure 7 --25 mA VD =12V; Tj =25 °C; IG = 0.1 A; T2+ G+ - - 15 mA VD =12V; Tj =25 °C; IG = 0.1 A; T2- G+ - - 15 mA VD =12V; Tj =25 °C; IG = 0.1 A; T2- G- - - 15 mA IH holding current VD =12V; Tj =25 °C; see Figure 10 --10 mA VT on-state voltage IT = 1 A; see Figure 8 -1.3 1.6 V VGT gate trigger voltage IT = 0.1 A; VD =12 V; Tj =25°C; see Figure 9 --1.3 V IT = 0.1 A; VD = 600 V; Tj = 125 °C 0.2 - - V ID off-state current VD =600 V; Tj = 125 °C - - 0.5 mA Dynamic characteristics dVD/dt rate of rise of off-state voltage VDM =402 V; Tj = 110 °C; gate open circuit; see Figure 11 50 - - V/µs dVcom/dt rate of rise of commutating voltage VD =400 V; Tj =110 °C; dIcom/dt = 0.44 A/ms; gate open circuit 2- - V/µs Fig 6. Normalized gate trigger current as a function of junction temperature Fig 7. Normalized latching current as a function of junction temperature Tj (°C) −50 150 100 050 003aaa205 2 1 3 4 0 IGT(25°C) IGT (1) (2) (3) (4) Tj (°C) −50 150 100 050 003aaa203 1 2 3 0 IL IL(25°C) |
Podobny numer części - Z0109MN |
|
Podobny opis - Z0109MN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |