Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109NA Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części Z0109NA
Szczegółowy opis  Logic level four-quadrant triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0109NA Arkusz danych(HTML) 1 Page - NXP Semiconductors

  Z0109NA Datasheet HTML 1Page - NXP Semiconductors Z0109NA Datasheet HTML 2Page - NXP Semiconductors Z0109NA Datasheet HTML 3Page - NXP Semiconductors Z0109NA Datasheet HTML 4Page - NXP Semiconductors Z0109NA Datasheet HTML 5Page - NXP Semiconductors Z0109NA Datasheet HTML 6Page - NXP Semiconductors Z0109NA Datasheet HTML 7Page - NXP Semiconductors Z0109NA Datasheet HTML 8Page - NXP Semiconductors Z0109NA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Z0109NA
Logic level four-quadrant triac
Rev. 04 — 4 August 2009
Product data sheet
1.
Product profile
1.1 General description
Passivated sensitive gate 4-Q triac in a SOT54 plastic package
1.2 Features and benefits
Direct interfacing to logic level ICs
Direct interfacing to low power gate
drive circuits
High blocking voltage of 800V
Sensitive gate in four quadrants
1.3 Applications
General purpose low power motor
control
Home appliances
Industrial process control
Low power AC Fan controllers
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak
off-state voltage
-
-
800
V
IT(RMS)
RMS on-state
current
full sine wave; Tlead ≤ 38 °C;
see Figure 1 and 4
--1
A
ITSM
non-repetitive peak
on-state current
full sine wave; tp = 20 ms;
Tj(init) =25°C; see Figure 2
and 3
--8
A
full sine wave; tp = 16.7 ms;
Tj(init) =25°C
--8.5
A
Static characteristics
IGT
gate trigger current
VD =12V; Tj =25°C; T2+ G-;
see Figure 6
--10
mA
VD =12V; Tj = 25 °C; T2- G-
-
-
10
mA
VD =12V; Tj = 25 °C; T2+ G+
--10
mA
VD =12V; Tj = 25 °C; T2- G+
-
-
10
mA


Podobny numer części - Z0109NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109NA PHILIPS-Z0109NA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109NA STMICROELECTRONICS-Z0109NA Datasheet
74Kb / 8P
   1A TRIACS
Z0109NA STMICROELECTRONICS-Z0109NA Datasheet
96Kb / 9P
   1 A Triacs
logo
Tiger Electronic Co.,Lt...
Z0109NA TGS-Z0109NA Datasheet
153Kb / 1P
   1A TRIACS
logo
NXP Semiconductors
Z0109NA NXP-Z0109NA Datasheet
819Kb / 14P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
More results

Podobny opis - Z0109NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com