Zakładka z wyszukiwarką danych komponentów |
|
Z00607MA-ND Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
Z00607MA-ND Arkusz danych(HTML) 9 Page - NXP Semiconductors |
9 / 12 page Z00607MA_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 26 February 2008 9 of 12 NXP Semiconductors Z00607MA Triac logic level 8. Package outline Fig 12. Package outline SOT54 (TO-92) UNIT A REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 L 14.5 12.7 e 2.54 e1 1.27 L1 (1) max. 2.5 b1 0.66 0.55 DIMENSIONS (mm are the original dimensions) Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. SOT54 TO-92 SC-43A 04-06-28 04-11-16 A L 0 2.5 5 mm scale b c D b1 L1 d E Plastic single-ended leaded (through hole) package; 3 leads SOT54 e1 e 1 2 3 |
Podobny numer części - Z00607MA-ND |
|
Podobny opis - Z00607MA-ND |