Zakładka z wyszukiwarką danych komponentów |
|
MC33063ADRE4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
MC33063ADRE4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 20 page 1 2 3 4 8 7 6 5 Switch Collector Switch Emitter Timing Capacitor GND Driver Collector Ipk VCC Comparator Inverting Input D (SOIC) OR P (PDIP) PACKAGE (TOP VIEW) DRJ (QFN) PACKAGE (TOP VIEW) Comparator Inverting Input Switch Collector 2 3 4 1 8 7 6 5 Switch Emitter Timing Capacitor GND VCC Ipk Driver Collector † The exposed thermal pad is electrically bonded internally to pin 4 (GND) . † MC33063A MC34063A www.ti.com SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009 1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS Check for Samples: MC33063A MC34063A 1 FEATURES • Wide Input Voltage Range: 3 V to 40 V • Precision Internal Reference: 2% • High Output Switch Current: Up to 1.5 A • Short-Circuit Current Limiting • Adjustable Output Voltage • Low Standby Current • Oscillator Frequency Up to 100 kHz DESCRIPTION/ORDERING INFORMATION The MC33063A and MC34063A are easy-to-use ICs containing all the primary circuitry needed for building simple dc-dc converters. These devices primarily consist of an internal temperature-compensated reference, a comparator, an oscillator, a PWM controller with active current limiting, a driver, and a high-current output switch. Thus, the devices require minimal external components to build converters in the boost, buck, and inverting topologies. The MC33063A is characterized for operation from –40°C to 85°C, while the MC34063A is characterized for operation from 0°C to 70°C. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - MC33063ADRE4 |
|
Podobny opis - MC33063ADRE4 |