Zakładka z wyszukiwarką danych komponentów |
|
BA030LBSG Arkusz danych(PDF) 7 Page - Rohm |
|
BA030LBSG Arkusz danych(HTML) 7 Page - Rohm |
7 / 9 page BA ΟΟΟLBSG series Regulator IC BA050LBSG (unless otherwise noted, Ta=25 °C, VCC=6.0V) Parameter Coniditions Vctl=3V, no output load Io=10mA, f=400Hz, C=0.01 µF∗2 Io=10mA, C=0.01 µF∗2 Vcc=6.0~7V Io=50mA∗1 Io=1~50mA∗1 Io=10mA, f=400Hz Io=50mA, Vcc=0.95Vo Circuit current <Output block> <Power-save block> Vctl=0V Vctl=3V Standby current ICCS 10 − 0 µA 150 − 65 µA µA 150 − 90 mV 80 − 40 mV 30 − 3mV − − 56 µV − 45 54 dB 0.6 −− 15 − 6.0 V − 2.4 − V −− − − 150 280 mA 5.125 4.875 5.00 V Symbol Min. Typ. Max. Unit ICCa VO IO Reg.L Reg.I en R.R1 Voff Von Ictl ∆Vd Output voltage Output current capability Dropout voltage Load regulation Input regulation Output noise voltage Ripple rejection 1 − − 66 dB R.R2 Ripple rejection 2 CTL OFF voltage CTL ON voltage CTL inflow current Not designed for radiation resistance. ∗ In order to measure at Ta Tj (pulse measurement), fluctuations in output resulting from temperature fluctuations are not included. ∗ Design guaranteed. (Not all products have been inspected.) A capacitor (0.01 µF) is used between pin 4 and pin 5, to improve ripple rejection. ! ! ! ! Application example 10 µF 1 µF 0.01 µF VCC CTL GND C OUT Fig.1 |
Podobny numer części - BA030LBSG |
|
Podobny opis - BA030LBSG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |