Zakładka z wyszukiwarką danych komponentów |
|
TL082ACDG4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
TL082ACDG4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 37 page TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Low Power Consumption D Wide Common-Mode and Differential Voltage Ranges D Low Input Bias and Offset Currents D Output Short-Circuit Protection D Low Total Harmonic Distortion . . . 0.003% Typ D High Input Impedance . . . JFET-Input Stage D Latch-Up-Free Operation D High Slew Rate . . . 13 V/µs Typ D Common-Mode Input Voltage Range Includes VCC+ description/ordering information The TL08x JFET-input operational amplifier family is designed to offer a wider selection than any previously developed operational amplifier family. Each of these JFET-input operational amplifiers incorporates well-matched, high-voltage JFET and bipolar transistors in a monolithic integrated circuit. The devices feature high slew rates, low input bias and offset currents, and low offset-voltage temperature coefficient. Offset adjustment and external compensation options are available within the TL08x family. The C-suffix devices are characterized for operation from 0 °C to 70°C. The I-suffix devices are characterized for operation from − 40 °C to 85°C. The Q-suffix devices are characterized for operation from −40°C to 125°C. The M-suffix devices are characterized for operation over the full military temperature range of −55 °C to 125°C. ORDERING INFORMATION TJ VIOmax AT 25 5C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 TL081CP TL081CP PDIP (P) Tube of 50 TL082CP TL082CP PDIP (N) Tube of 25 TL084CN TL084CN Tube of 75 TL081CD TL081C Reel of 2500 TL081CDR TL081C SOIC (D) Tube of 75 TL082CD TL082C SOIC (D) Reel of 2500 TL082CDR TL082C 0 °C to 70°C 15 mV Tube of 50 TL084CD TL084C 0 °C to 70°C 15 mV Reel of 2500 TL084CDR TL084C SOP (PS) Reel of 2000 TL081CPSR T081 SOP (PS) Reel of 2000 TL082CPSR T082 SOP (NS) Reel of 2000 TL084CNSR TL084 Tube of 150 TL082CPW T082 TSSOP (PW) Reel of 2000 TL082CPWR T082 TSSOP (PW) Tube of 90 TL084CPW T084 Reel of 2000 TL084CPWR T084 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Podobny numer części - TL082ACDG4 |
|
Podobny opis - TL082ACDG4 |