Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA316-600ET Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części BTA316-600ET
Szczegółowy opis  16 A three-quadrant high commutation triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316-600ET Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button BTA316-600ET Datasheet HTML 4Page - NXP Semiconductors BTA316-600ET Datasheet HTML 5Page - NXP Semiconductors BTA316-600ET Datasheet HTML 6Page - NXP Semiconductors BTA316-600ET Datasheet HTML 7Page - NXP Semiconductors BTA316-600ET Datasheet HTML 8Page - NXP Semiconductors BTA316-600ET Datasheet HTML 9Page - NXP Semiconductors BTA316-600ET Datasheet HTML 10Page - NXP Semiconductors BTA316-600ET Datasheet HTML 11Page - NXP Semiconductors BTA316-600ET Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BTA316-600ET_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 30 March 2010
8 of 13
NXP Semiconductors
BTA316-600ET
16 A three-quadrant high commutation triac
Fig 11. Normalized gate trigger voltage as a function of junction temperature
Tj (°C)
−50
150
100
50
0
001aag168
0.8
1.2
1.6
VGT
0.4
VGT(25°C)


Podobny numer części - BTA316-600ET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BTA316-600ET WEEN-BTA316-600ET Datasheet
241Kb / 14P
   3Q Hi-Com Triac
More results

Podobny opis - BTA316-600ET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA316-800ET NXP-BTA316-800ET Datasheet
210Kb / 13P
   16 A three-quadrant high commutation triac
Rev. 01-29 March 2010
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com