Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3110D2PWPR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3110D2PWPR
Szczegółowy opis  15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3110D2PWPR Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA3110D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPA3110D2
www.ti.com................................................................................................................................................. SLOS528A – JULY 2009 – REVISED SEPTEMBER 2009
PIN FUNCTIONS
PIN
I/O/P
DESCRIPTION
Pin
NAME
Number
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs
SD
1
I
enabled). TTL logic levels with compliance to AVCC.
Open drain output used to display short circuit or dc detect fault status. Voltage
compliant to AVCC. Short circuit faults can be set to auto-recovery by connecting
FAULT
2
O
FAULT pin to SD pin. Otherwise, both short circuit faults and dc detect faults must
be reset by cycling PVCC.
LINP
3
I
Positive audio input for left channel. Biased at 3V.
LINN
4
I
Negative audio input for left channel. Biased at 3V.
GAIN0
5
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
GAIN1
6
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
AVCC
7
P
Analog supply
AGND
8
Analog signal ground. Connect to the thermal pad.
High-side FET gate drive supply. Nominal voltage is 7V. Also should be used as
GVDD
9
O
supply for PLIMIT function
Power limit level adjust. Connect a resistor divider from GVDD to GND to set
PLIMIT
10
I
power limit. Connect directly to GVDD for no power limit.
RINN
11
I
Negative audio input for right channel. Biased at 3V.
RINP
12
I
Positive audio input for right channel. Biased at 3V.
NC
13
Not connected
PBTL
14
I
Parallel BTL mode switch
Power supply for right channel H-bridge. Right channel and left channel power
PVCCR
15
P
supply inputs are connect internally.
Power supply for right channel H-bridge. Right channel and left channel power
PVCCR
16
P
supply inputs are connect internally.
BSPR
17
I
Bootstrap I/O for right channel, positive high-side FET.
OUTPR
18
O
Class-D H-bridge positive output for right channel.
PGND
19
Power ground for the H-bridges.
OUTNR
20
O
Class-D H-bridge negative output for right channel.
BSNR
21
I
Bootstrap I/O for right channel, negative high-side FET.
BSNL
22
I
Bootstrap I/O for left channel, negative high-side FET.
OUTNL
23
O
Class-D H-bridge negative output for left channel.
PGND
24
Power ground for the H-bridges.
OUTPL
25
O
Class-D H-bridge positive output for left channel.
BSPL
26
I
Bootstrap I/O for left channel, positive high-side FET.
Power supply for left channel H-bridge. Right channel and left channel power
PVCCL
27
P
supply inputs are connect internally.
Power supply for left channel H-bridge. Right channel and left channel power
PVCCL
28
P
supply inputs are connect internally.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPA3110D2


Podobny numer części - TPA3110D2PWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWPR TI1-TPA3110D2PWPR Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2PWPR TI1-TPA3110D2PWPR Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
More results

Podobny opis - TPA3110D2PWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com