Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6013A4PWPG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TPA6013A4PWPG4
Szczegółowy opis  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6013A4PWPG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA6013A4PWPG4 Datasheet HTML 4Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 5Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 6Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 7Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 8Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 9Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 10Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 11Page - Texas Instruments TPA6013A4PWPG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 500 mW
PO = 1 W
PO = 1.5 W
VDD = 5.0 V
RL = 3 Ω
LINEIN Input − BTL Output
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 250 mW
PO = 1 W
PO = 1.5 W
VDD = 5.0 V
RL = 4 Ω
LINEIN Input − BTL Output
Gain = 6 dB
TPA6013A4
SLOS635 – NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
Test conditions (unless otherwise noted) for typical operating performance:
VDD = 5.0 V, CIN = 1 µF, CBYPASS = 1 µF, TA = 27°C, SHUTDOWN = VDD
Table of Graphs
Gain (BTL)
vs Volume voltage
Figure 1
vs Frequency
Figure 2, Figure 3, Figure 4
THD+N
Total harmonic distortion plus noise (BTL)
vs Output power
Figure 7, Figure 8, Figure 9
vs Frequency
Figure 5, Figure 6
THD+N
Total harmonic distortion plus noise (SE)
vs Output power
Figure 10
vs Output voltage
Figure 11
PD
Total power dissipation (BTL)
vs Total output power
Figure 12
PD
Total power dissipation (SE)
vs Total output power
Figure 13
Crosstalk (BTL)
vs Frequency
Figure 14
Crosstalk (SE)
vs Frequency
Figure 15
Inter-channel crosstalk
vs Frequency
Figure 16
Input impedance
vs Gain
Figure 17
PSRR
Power supply rejection ratio (BTL)
vs Frequency
Figure 18
PSRR
Power supply rejection ratio (SE)
vs Frequency
Figure 19
IDD
Supply current (BTL)
vs Total output power
Figure 20
IDD
Supply current (SE)
vs Total output power
Figure 21
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
FREQUENCY
FREQUENCY
Figure 2.
Figure 3.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6013A4


Podobny numer części - TPA6013A4PWPG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6013A4PWPG4 TI1-TPA6013A4PWPG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Podobny opis - TPA6013A4PWPG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com