Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3V712ERTGR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3V712ERTGR
Szczegółowy opis  7-CHANNEL VIDEO SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3V712ERTGR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TS3V712ERTGR Datasheet HTML 7Page - Texas Instruments TS3V712ERTGR Datasheet HTML 8Page - Texas Instruments TS3V712ERTGR Datasheet HTML 9Page - Texas Instruments TS3V712ERTGR Datasheet HTML 10Page - Texas Instruments TS3V712ERTGR Datasheet HTML 11Page - Texas Instruments TS3V712ERTGR Datasheet HTML 12Page - Texas Instruments TS3V712ERTGR Datasheet HTML 13Page - Texas Instruments TS3V712ERTGR Datasheet HTML 14Page - Texas Instruments TS3V712ERTGR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TS3V712ERTGR
ACTIVE
WQFN
RTG
32
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
10-Feb-2010
Addendum-Page 1


Podobny numer części - TS3V712ERTGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Podobny opis - TS3V712ERTGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
Texas Instruments
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
   3.3V, 7-Channel Analog Video Switch with Automatic Switching
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
   3.3V, 7-Channel Analog Video Switch with Dual Control Logic
logo
Asahi Kasei Microsystem...
AK4220 AKM-AK4220 Datasheet
552Kb / 33P
   7:3 Audio Switch and 6:3 Video Switch
logo
Hitachi Semiconductor
HA11513 HITACHI-HA11513 Datasheet
198Kb / 3P
   5 Channel Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com