Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-78B1.8-1.0 Arkusz danych(PDF) 3 Page - Recom International Power

Numer części R-78B1.8-1.0
Szczegółowy opis  1.0 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B1.8-1.0 Arkusz danych(HTML) 3 Page - Recom International Power

  R-78B1.8-1.0 Datasheet HTML 1Page - Recom International Power R-78B1.8-1.0 Datasheet HTML 2Page - Recom International Power R-78B1.8-1.0 Datasheet HTML 3Page - Recom International Power R-78B1.8-1.0 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-international.com
I-29
REV:0/2010
INNOLINE
DC/DC-Converter
Characteristics
50
Efficiency Vs Vin (Full Load)
Vo=1.8V Vo=2.5V
Vo=5V
Vo=3.3V
25
Vin ( V )
10
20
34
75
100
Vo=1.5V
Vo=12V
Vo=15V
Vo=9V
Vo=6.5V
Efficiency
100
0.2
Efficiency Vs Load ( Vin=Max )
Vo=1.5V
Vo=3.3V
Vo=5V
Vo=2.5V
50
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
75
25
Vo=1.8V
Vo=15V
Vo=12V
Vo=6.5V
Vo=9V
100
0.2
Efficiency Vs Load ( Vin=Min )
Vo=1.5V
Vo=3.3V
Vo=5V
Vo=2.5V
50
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
75
25
Vo=1.8V
Vo=15V
Vo=12V
Vo=9V, 6,5V
50
Ripple Vs Vin ( Full Load )
Vo=1.5V,1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Vin ( V )
10
20
34
Vo=9V,12V
Vo=15V
Vo=6.5V
Ripple
50
0.2
Ripple Vs Load ( Vin=Max )
Vo=1.5V, 1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
Vo=9V, 12V
Vo=15V
Vo=6.5V
50
0.2
Ripple Vs Load ( Vin=Min )
Vo=1.5V,1.8V
Vo=2.5V,3.3V,5V
Vo=9V,12V,15V
25
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
Vo=6.5V
R-78Bxx-1.0
(L) Series
Add a blocking diode to Vout if
current can flow backwards into
the output, as this can damage
the converter when it is powered
down.
The diode can either be fitted
across the device if the source is
low impedance or fitted in series
with the output (recommended).
Optional Protection Circuit
Optional Protection 1:
Optional Protection 2:
R-78xx-xx
-Vout
+Vout
+Vin
-Vin
R-78xx-xx
-Vout
Vout=
+Vout -
0.3V
+Vin
-Vin
Schottky Diode


Podobny numer części - R-78B1.8-1.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78B1.8-1.0 RECOM-R-78B1.8-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.8-1.0 RECOM-R-78B1.8-1.0 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.8-1.0L RECOM-R-78B1.8-1.0L Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
More results

Podobny opis - R-78B1.8-1.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com