Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N03FA04124 Arkusz danych(PDF) 1 Page - MolexKits

Numer części N03FA04124
Szczegółowy opis  M8 Field-Attachable 3 Pole Male Panel Mount Receptacle, Straight and Right Angle Female Connector and Receptacle. and 5m Single-Ended Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEXKITS [MolexKits]
Strona internetowa  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

N03FA04124 Arkusz danych(HTML) 1 Page - MolexKits

  N03FA04124 Datasheet HTML 1Page - MolexKits N03FA04124 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0222
• Proximity sensors
• Photoelectric sensors
• Hall effect switches
• NFPA and ISO cylinders
• Threaded connectors for secure mating
retention
• M8 is an industry standard connector that
allows for direct connection to sensors and
switches
• Nickel-plated brass nut for corrosion
resistance
Features and Benefits
Applications
Current Rating:
4 Amps
Product Highlights
Wire size:
60V AC / 75V DC
24 AWG
Specifications
Circuit Sizes:
Brad Harrison Nano-Change (M8) connectors and cordsets offer the industry's
broadest selection of space-saving cordsets, receptacles, inserts, splitters, and
molded junction boxes. They provide rugged performance in tight spaces while
minimizing downtime, maintenance and wiring time.
Voltage:
3
Thread Standard:
Mounting Orientation:
Connector Type:
Receptacles and Cables
Right Angle and Straight
General Information
Molex / Waldom
Wire-to-Wire
M8
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design Configuration:
76650-0222
Manufacturer:
Country of Origin:
Nano-Change®
Certificates:
M8 Field-Attachable 3 Pole Male Panel Mount Receptacle, Straight and Right Angle
Female Connector and Receptacle. and 5m Single-Ended Cable
(Molex Parts within this kit) - EU and China RoHS Compliant, UL and CSA
Title:
Nano-Change Connector and Cable Kit
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Podobny numer części - N03FA04124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MolexKits
N03FA03124 MOLEXKITS-N03FA03124 Datasheet
41Kb / 2P
   M8 Field-Attachable 3 Pole Male and Female Panel Mount Receptacle,Straight Connector and Receptacle and 5m Single-Ended Cable
More results

Podobny opis - N03FA04124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MolexKits
76650-0221 MOLEXKITS-76650-0221 Datasheet
41Kb / 2P
   M8 Field-Attachable 3 Pole Male and Female Panel Mount Receptacle,Straight Connector and Receptacle and 5m Single-Ended Cable
76650-0228 MOLEXKITS-76650-0228 Datasheet
41Kb / 2P
   M12 Field-Attachable 4 Pole Male Mount Receptacle,Straight Male and Female Connector and 5m Single-Ended Cable
logo
Alpha Wire
212 ALPHAWIRE-212 Datasheet
199Kb / 2P
   M8 Male 3 Pin Field Attachable
210 ALPHAWIRE-210 Datasheet
178Kb / 2P
   M8 Female 3 Pin Field Attachable
214 ALPHAWIRE-214 Datasheet
179Kb / 2P
   M8 Male 3 Pin Field Attachable
logo
Molex Electronics Ltd.
1200910023 MOLEX-1200910023 Datasheet
40Kb / 1P
   Nano-Change (M8) Field Attachable Connector, 3 Poles, Straight, Male
1200910024 MOLEX-1200910024 Datasheet
42Kb / 1P
   Nano-Change (M8) Field Attachable Connector, 3 Poles, Straight, Female
logo
MolexKits
76650-0058 MOLEXKITS-76650-0058 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 3 Circuit
76650-0064 MOLEXKITS-76650-0064 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 3 Circuit
logo
Molex Electronics Ltd.
1300700021 MOLEX11-1300700021 Datasheet
30Kb / 1P
   Quick-Change Female Field Attachable, 3 Pole, Straight
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com