Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT2222A Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części PZT2222A
Szczegółowy opis  NPN switching transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZT2222A Arkusz danych(HTML) 3 Page - NXP Semiconductors

  PZT2222A Datasheet HTML 1Page - NXP Semiconductors PZT2222A Datasheet HTML 2Page - NXP Semiconductors PZT2222A Datasheet HTML 3Page - NXP Semiconductors PZT2222A Datasheet HTML 4Page - NXP Semiconductors PZT2222A Datasheet HTML 5Page - NXP Semiconductors PZT2222A Datasheet HTML 6Page - NXP Semiconductors PZT2222A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Apr 14
3
NXP Semiconductors
Product data sheet
NPN switching transistor
PZT2222A
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
109
K/W
Rth j-s
thermal resistance from junction to soldering point
28
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 60 V
10
nA
IE = 0; VCB = 60 V; Tamb = 125 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
10
nA
hFE
DC current gain
IC = 0.1 mA; VCE = 10 V
35
IC = 1 mA; VCE = 10 V
50
IC = 10 mA; VCE = 10 V
75
IC = 10 mA; VCE = 10 V;
Tamb = −55 °C
35
IC = 150 mA; VCE = 1 V; note 1
50
IC = 150 mA; VCE = 10 V; note 1
100
300
IC = 500 mA; VCE = 10 V; note 1
40
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA
300
mV
IC = 500 mA; IB = 50 mA
1
V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA
0.6
1.2
V
IC = 500 mA; IB = 50 mA
2
V
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
8
pF
Ce
emitter capacitance
IC = ic = 0; VEB = 500 mV; f = 1 MHz
25
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V; f = 100 MHz 300
MHz
Switching times (between 10% and 90% levels); (see Fig.2)
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA; Tamb = 25 °C
35
ns
td
delay time
10
ns
tr
rise time
25
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns


Podobny numer części - PZT2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
ON Semiconductor
PZT2222A ONSEMI-PZT2222A Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
113Kb / 6P
   NPN General Purpose Amplifier
More results

Podobny opis - PZT2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com