Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT4403 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części PZT4403
Szczegółowy opis  40 V, 600 mA PNP switching transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZT4403 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  PZT4403 Datasheet HTML 1Page - NXP Semiconductors PZT4403 Datasheet HTML 2Page - NXP Semiconductors PZT4403 Datasheet HTML 3Page - NXP Semiconductors PZT4403 Datasheet HTML 4Page - NXP Semiconductors PZT4403 Datasheet HTML 5Page - NXP Semiconductors PZT4403 Datasheet HTML 6Page - NXP Semiconductors PZT4403 Datasheet HTML 7Page - NXP Semiconductors PZT4403 Datasheet HTML 8Page - NXP Semiconductors PZT4403 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PZT4403_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 2 March 2010
4 of 9
NXP Semiconductors
PZT4403
40 V, 600 mA PNP switching transistor
8.
Test information
VCE = −1V
Fig 1.
DC current gain as a function of collector current; typical values
mgs333
0
300
100
200
−10−1
−1
−10
−102
−103
hFE
IC (mA)
Vi = −9.5 V; T = 500 μs; tp =10 μs
R1 = 68
Ω; R2 = 325 Ω;R
B = 325 Ω; RC = 160 Ω
VBB = 3.5 V; VCC = −29.5 V
Oscilloscope input impedance Zi =50 Ω
Fig 2.
Test circuit for switching times
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC


Podobny numer części - PZT4403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PZT4403 NXP-PZT4403 Datasheet
228Kb / 7P
   PNP switching transistor
Rev. 02-17 January 2008
logo
SeCoS Halbleitertechnol...
PZT4403 SECOS-PZT4403 Datasheet
930Kb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403 Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
PZT4403 JIANGSU-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

Podobny opis - PZT4403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
   40 V, 600 mA, PNP switching transistor
5 March 2015
PMST4403 NEXPERIA-PMST4403 Datasheet
815Kb / 13P
   40 V, 600 mA PNP switching transistor
1 August 2016
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
   40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
PMBT2227AYS-Q NEXPERIA-PMBT2227AYS-Q Datasheet
289Kb / 15P
   40 V, 600 mA, NPN/PNP double switching transistor
10 March 2022
PMBT2222AQA NEXPERIA-PMBT2222AQA Datasheet
242Kb / 14P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AMB NEXPERIA-PMBT2222AMB Datasheet
221Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
   60 V, 600 mA PNP switching transistor
21 September 2018
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
   60 V, 600 mA, PNP switching transistor
3 August 2015
PMST2907A NEXPERIA-PMST2907A Datasheet
663Kb / 13P
   60 V, 600 mA PNP switching transistor
12 August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com