Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZU10B2L Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części PZU10B2L
Szczegółowy opis  Single Zener diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU10B2L Arkusz danych(HTML) 3 Page - NXP Semiconductors

  PZU10B2L Datasheet HTML 1Page - NXP Semiconductors PZU10B2L Datasheet HTML 2Page - NXP Semiconductors PZU10B2L Datasheet HTML 3Page - NXP Semiconductors PZU10B2L Datasheet HTML 4Page - NXP Semiconductors PZU10B2L Datasheet HTML 5Page - NXP Semiconductors PZU10B2L Datasheet HTML 6Page - NXP Semiconductors PZU10B2L Datasheet HTML 7Page - NXP Semiconductors PZU10B2L Datasheet HTML 8Page - NXP Semiconductors PZU10B2L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PZUXBL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 May 2008
3 of 13
NXP Semiconductors
PZUxBL series
Single Zener diodes
5.
Limiting values
[1]
tp = 100 µs; square wave; Tj =25 °C prior to surge
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
PZU12BL
HL
PZU13B2L
KG
PZU13BL
HM
PZU14B2L
KH
PZU15BL
HN
PZU15B2L
KK
PZU16BL
HP
PZU16B2L
KL
PZU18BL
HR
PZU18B2L
KM
PZU20BL
HS
PZU20B2L
KN
PZU22BL
HT
PZU22B2L
KP
PZU24BL
HU
PZU24B2L
KR
PZU27BL
HV
-
-
PZU30BL
HW
-
-
PZU33BL
HX
-
-
PZU36BL
HY
-
-
Table 4.
Marking codes …continued
Type number
Marking code
Type number
Marking code
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
200
mA
IZSM
non-repetitive peak reverse
current
[1] -
see
Table 8
and 9
PZSM
non-repetitive peak reverse
power dissipation
[1] -40
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[2][3] -
250
mW
[2][4] -
500
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C


Podobny numer części - PZU10B2L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
PZU10B2L NEXPERIA-PZU10B2L Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
More results

Podobny opis - PZU10B2L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com