Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1308T Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA1308T
Szczegółowy opis  Class-AB stereo headphone driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1308T Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA1308T Datasheet HTML 4Page - NXP Semiconductors TDA1308T Datasheet HTML 5Page - NXP Semiconductors TDA1308T Datasheet HTML 6Page - NXP Semiconductors TDA1308T Datasheet HTML 7Page - NXP Semiconductors TDA1308T Datasheet HTML 8Page - NXP Semiconductors TDA1308T Datasheet HTML 9Page - NXP Semiconductors TDA1308T Datasheet HTML 10Page - NXP Semiconductors TDA1308T Datasheet HTML 11Page - NXP Semiconductors TDA1308T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
8 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
12. Test information
Fig 6.
Measurement circuit for inverting application
mka782
1
2
3
5
6
7
4
8
RL
VOUTA
VDD
VINA
VINB
Vref
(typ. 2.5 V)
RL
VOUTB
3.9 k
3.9 k
3.9 k
3.9 k
100
µF
100
µF
C6
100
µF
TDA1308(A)
Fig 7.
Open-loop gain as a function of input frequency
Fig 8.
Crosstalk as a function of input frequency
0
40
80
mka784
10−2
10−3
fi (Hz)
Gv
(dB)
10−4
10−5
10−6
10−7
10−8
no load
RL = 32 Ω
−130
−110
−70
−90
mka785
10−2
10−1
10−3
10−4
10−5
fi (Hz)
Gv
(dB)
32
RL = 16 Ω
5 k


Podobny numer części - TDA1308T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1308T PHILIPS-TDA1308T Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
TDA1308T PHILIPS-TDA1308T Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308TT PHILIPS-TDA1308TT Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
More results

Podobny opis - TDA1308T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com