Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34704 Arkusz danych(PDF) 10 Page - Freescale Semiconductor, Inc

Numer części MC34704
Szczegółowy opis  Multiple Channel DC-DC Power Management IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34704 Arkusz danych(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34704 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34704
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
REGULATOR 2
Output Voltage Range
VOUT
0.6
3.3
3.6
V
Output Accuracy
-
-2.0
-
2.0
%
Line/Load Regulation(8)
REGLN/LD
-1.0
-
1.0
%
Dynamic Voltage Scaling Range
VDYN
-17.5
-
17.5
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
2.5
-
%
Continuous Output Current(8)
IOUT
-
200
500
mA
Li-Ion Battery Over-current Limit (Detected in buck high side FET)
ILIM_ION
-
1.4
-
A
Li-Ion Battery Short-circuit Current Limit (Detected in buck high side FET)
ISHORT_ION
-
2.1
-
A
Li-Ion Battery Over-current Limit Accuracy
-
-20
-
20
%
N-CH Buck Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
120
-
m
Ω
N-CH Buck Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
1000
-
m
Ω
N-CH Boost Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
120
-
m
Ω
N-CH Boost Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
120
-
m
Ω
Discharge MOSFET RDS(ON)
RDS(ON)-DIS
-
70
-
Ω
Thermal Shutdown Threshold(8)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(8)
TSD-HYS
-
25
-
°C
PVIN2 Leakage Current (Off State) @25°C
IPVIN2G_LKG
-
-
1.0
μA
SW2D Leakage Current (Off State) @25°C
ISW2D_LKG
-
-
1.0
μA
SW2U Leakage Current (Off State) @25°C
ISW2U_LKG
-
-
1.0
μA
REGULATOR 3
Output Voltage Range (Li-Ion Battery)
VOUT
0.6
1.2
1.8
V
Output Accuracy
-
-4.0
-
4.0
%
Line/Load Regulation(8)
REGLN/LD
-1.0
-
1.0
%
Dynamic Voltage Scaling Range
VDYN
-17.5
-
17.5
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
2.5
-
%
Continuous Output Current(8)
IOUT
-
150
550
mA
Li-Ion Battery Over-current Limit (Detected in buck high side FET)
ILIM_ION
-
1.0
-
A
Li-Ion Battery Short-circuit Current Limit (Detected in buck high side FET)
ISHORT_ION
-
1.5
-
A
Li-Ion Battery Over-current Limit Accuracy
-
-20
-
20
%
N-CH Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
500
-
m
Ω
N-CH Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
500
-
m
Ω
Discharge MOSFET RDS(ON)
RDS(ON)-DIS
-
70
-
Ω
Thermal Shutdown Threshold (8)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(8)
TSD-HYS
-
25
-
°C
PVIN3 Leakage Current (Off State) @25°C
IPVIN3_LKG
-
-
1.0
μA
SW3 Leakage Current (Off State) @25°C
ISW3_LKG
-
-
1.0
μA
Notes:
8.
Guaranteed by Design
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 2.7V
≤ VIN ≤ 5.5V, -20°C ≤ TA ≤ 85°C, GND = 0V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC34704

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34704 FREESCALE-MC34704 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AEP FREESCALE-MC34704AEP Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AEP FREESCALE-MC34704AEP Datasheet
1Mb / 54P
   Multiple Channel DC-DC Power Management IC
MC34704AEPR2 FREESCALE-MC34704AEPR2 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AR2 FREESCALE-MC34704AR2 Datasheet
1Mb / 54P
   Multiple Channel DC-DC Power Management IC
More results

Podobny opis - MC34704

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34704 FREESCALE-MC34704 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
34704 FREESCALE-34704_11 Datasheet
1Mb / 54P
   Multiple Channel DC-DC Power Management IC
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
   Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com