Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3308FV-E2 Arkusz danych(PDF) 8 Page - Rohm

Numer części BA3308FV-E2
Szczegółowy opis  Preamps with Built-in ALC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3308FV-E2 Arkusz danych(HTML) 8 Page - Rohm

Back Button BA3308FV-E2 Datasheet HTML 2Page - Rohm BA3308FV-E2 Datasheet HTML 3Page - Rohm BA3308FV-E2 Datasheet HTML 4Page - Rohm BA3308FV-E2 Datasheet HTML 5Page - Rohm BA3308FV-E2 Datasheet HTML 6Page - Rohm BA3308FV-E2 Datasheet HTML 7Page - Rohm BA3308FV-E2 Datasheet HTML 8Page - Rohm BA3308FV-E2 Datasheet HTML 9Page - Rohm BA3308FV-E2 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Note
8/9
BA3308F,BA3308FV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Notes for use
1)
Numbers and data in entries are representative design values and are not guaranteed values of the items.
2)
Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure
to verify circuit characteristics for your particular application. Modification of constants for other externally connected
circuits may cause variations in both static and transient characteristics for external components as well as this Rohm
IC. Allow for sufficient margins when determining circuit constants.
3)
Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range
(Topr), may result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open
mode) when such damage is suffered. A physical safety measure, such as a fuse, should be implemented when using
the IC at times where the absolute maximum ratings may be exceeded.
4)
GND potential
Ensure a minimum GND pin potential in all operating conditions. Make sure that no pins are at a voltage below the
GND at any time, regardless of whether it is a transient signal or not.
5)
Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the permissible dissipation (Pd) in
actual states of use.
6)
Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
7)
Operation in strong magnetic fields
Using the ICs in a strong electromagnetic field can cause operation malfunction.
8)
The BA3308F/FV has an on-chip power supply mute circuit that checks for pop noise at power-on. This prevents the
occurrence of pop noise by timing the charge times of the direct current cut capacitors C3 and C4 of 10pin and 11pin,
and of capacitor C8 for the ripple filter of 5pin.
Accordingly, to obtain an adequate effect, it is recommended that the constants of the application circuit be used in C3,
C4, R3, R4, C8, and R8.


Podobny numer części - BA3308FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3308FV-E2 ROHM-BA3308FV-E2 Datasheet
583Kb / 13P
   Preamps with Built-in ALC
More results

Podobny opis - BA3308FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3308F ROHM-BA3308F Datasheet
583Kb / 13P
   Preamps with Built-in ALC
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
   Preamps with Built-in ALC
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
   Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
   Infrared detector modules with preamps
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
   Infrared detector modules with preamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com