Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28127FBZ Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL28127FBZ
Szczegółowy opis  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127FBZ Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL28127FBZ Datasheet HTML 6Page - Intersil Corporation ISL28127FBZ Datasheet HTML 7Page - Intersil Corporation ISL28127FBZ Datasheet HTML 8Page - Intersil Corporation ISL28127FBZ Datasheet HTML 9Page - Intersil Corporation ISL28127FBZ Datasheet HTML 10Page - Intersil Corporation ISL28127FBZ Datasheet HTML 11Page - Intersil Corporation ISL28127FBZ Datasheet HTML 12Page - Intersil Corporation ISL28127FBZ Datasheet HTML 13Page - Intersil Corporation ISL28127FBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL28127, ISL28227
10
FN6633.3
March 18, 2010
FIGURE 19. GAIN vs FREQUENCY vs SUPPLY
VOLTAGE
FIGURE 20. LARGE SIGNAL 10V STEP RESPONSE,
VS = ±15V
FIGURE 21. LARGE SIGNAL TRANSIENT RESPONSE vs
RL VS = ±5V, ±15V
FIGURE 22. SMALL SIGNAL TRANSIENT RESPONSE,
VS = ±5V, ±15V
FIGURE 23. POSITIVE OUTPUT OVERLOAD
RESPONSE TIME, VS = ±15V
FIGURE 24. NEGATIVE OUTPUT OVERLOAD
RESPONSE TIME, VS = ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
FREQUENCY (Hz)
100k
1M
10M
100M
10k
1k
-3
-2
-1
0
1
CL = 3.5pF
RL = 10k
AV = +1
VOUT = 100mVP-P
VS = ±2.25V
VS = ±5V
VS = ±15V
-6
-5
-4
-3
-2
1
0
1
2
3
4
5
6
0
5
10
15
20
25
30
TIME (µs)
VS = ±15V
AV = 1
CL = 3.5pF
VOUT = 10VP-P
Rf = 0 Rg = inf
RL = 2k
RL = 10k
TIME (µs)
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
2.4
0
5
10
15
20
25
30
35
40
AV = 1
CL = 3.5pF
VOUT = 4VP-P
VS = ±15V, RL = 2k, 10k
VS = ±5V, RL = 2k, 10k
80
60
40
20
0
20
40
60
80
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
TIME (ms)
RL = 2k
AV = 1
CL = 3.5pF
VOUT = 100mVP-P
VS = ±5V, ±15V
TIME (µs)
-0.26
-0.20
-0.18
-0.14
-0.10
-0.06
-0.02
0.02
0.06
0
5
10
15
20
25
30
35
40
-1
1
3
5
7
9
11
13
15
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 3.5pF
Rf = 100k, Rg = 1k
VIN = 200mVP-P
TIME (µs)
-0.06
-0.02
0.02
0.06
0.10
0.04
0.08
0.22
0.26
0
5
10
15
20
25
30
35
40
-14
-12
-10
-8
-6
-4
-2
0
2
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 3.5pF
Rf = 100k, Rg = 1k
VIN = 200mVP-P


Podobny numer części - ISL28127FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28127FBZ RENESAS-ISL28127FBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Podobny opis - ISL28127FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com