Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28107FBZ-T7 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL28107FBZ-T7
Szczegółowy opis  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FBZ-T7 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL28107FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28107FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
FN6631.2
April 8, 2010
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage (V-) - 0.5V to (V+) + 0.5V
Min/Max Input Voltage . . . . . . . . (V-) - 0.5V to (V+) + 0.5V
Max/Min Input current for input voltage >V+ or <V- .±20mA
Output Short-Circuit Duration (1 output at a time) Indefinite
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . 4.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . 1.5kV
Thermal Resistance (Typical, Notes 4, 5) θJA (°C/W) θJC (°C/W)
8 Ld SOIC (ISL28107) . . . . . . . . . . .
120
60
8 Ld SOIC (ISL28207) . . . . . . . . . . .
105
50
8 Ld MSOP (ISL28107) . . . . . . . . . . .
155
50
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range. . . . -40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT
VOS
Offset Voltage Magnitude;
SOIC Package
TA = -40°C to +85°C
-75
5
75
µV
TA = -40°C to +125°C
-140
140
µV
Offset Voltage Magnitude;
MSOP Package
TA = -40°C to +85°C
-100
5
100
µV
TA = -40°C to +125°C
-180
180
µV
TCVOS
Offset Voltage Drift; SOIC
Package
-0.65
0.1
0.65
µV/
°C
Offset Voltage Drift; MSOP
Package
-0.85
0.1
0.85
µV/
°C
IB
Input Bias Current
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
TCIB
Input Bias Current Drift
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/
°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/
°C
IOS
Input Offset Current
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
TCIOS
Input Offset Current Drift
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/
°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/
°C
VCM
Input Voltage Range
Guaranteed by CMRR test
-13
13
V
CMRR
Common-Mode Rejection
Ratio
VCM = -13V to +13V
115
145
dB
PSRR
Power Supply Rejection Ratio VS = ±2.25V to ±20V
115
145
dB
AVOL
Open-Loop Gain
VO = -13V to +13V, RL = 10kΩ to ground
3,000
40,000
V/mV
ISL28107, ISL28207


Podobny numer części - ISL28107FBZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107FBZ-T7 INTERSIL-ISL28107FBZ-T7 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ-T7 INTERSIL-ISL28107FBZ-T7 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FBZ-T7A INTERSIL-ISL28107FBZ-T7A Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Podobny opis - ISL28107FBZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com