Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28107FUZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL28107FUZ
Szczegółowy opis  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FUZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL28107FUZ Datasheet HTML 1Page - Intersil Corporation ISL28107FUZ Datasheet HTML 2Page - Intersil Corporation ISL28107FUZ Datasheet HTML 3Page - Intersil Corporation ISL28107FUZ Datasheet HTML 4Page - Intersil Corporation ISL28107FUZ Datasheet HTML 5Page - Intersil Corporation ISL28107FUZ Datasheet HTML 6Page - Intersil Corporation ISL28107FUZ Datasheet HTML 7Page - Intersil Corporation ISL28107FUZ Datasheet HTML 8Page - Intersil Corporation ISL28107FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Precision Single and Dual Low Noise Operational
Amplifiers
ISL28107, ISL28207
The ISL28107 and ISL28207 are single and dual
amplifiers featuring low noise, low input bias current, and
low offset and temperature drift. This makes them the
ideal choice for applications requiring both high DC
accuracy and AC performance. The combination of
precision, low noise, and small footprint provides the
user with outstanding value and flexibility relative to
similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28107 single is available in an 8 Ld SOIC
package. The ISL28207 dual amplifier will be offered in
an 8 Ld SOIC package. All devices are offered in standard
pin configurations and operate over the extended
temperature range to -40°C to +125°C.
Applications*(see page 21)
• Precision Instruments
• Medical Instrumentation
• Spectral Analysis Equipment
• Geophysical Analysis Equipment
• Active Filter Blocks
• Microphone Pre-amplifier
• Thermocouples and RTD Reference Buffers
• Data Acquisition
• Power Supply Control
Features
• Low Input Offset . . . . . . . . . . . . . . . . 75µV, Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . .60pA
• Superb Temperature Drift
- Voltage Offset . . . . . . . . . . . . . 0.65µV/°C, Max.
- Input Current . . . . . . . . . . . . . . . 0.9pA/°C, Max
• Outstanding ESD performance
- Human Body Model . . . . . . . . . . . . . . . . . 4.5kV
- Machine Model . . . . . . . . . . . . . . . . . . . . .500V
- Charged Device Model . . . . . . . . . . . . . . . 1.5kV
• Very Low Voltage Noise, 10Hz . . . . . . . . 14nV/√Hz
• Low Current Consumption (per amp . 0.29mA, Max.
• Gain-bandwidth Product . . . . . . . . . . . . . . . 1MHz
• Wide Supply Range. . . . . . . . . . . . . . . 4.5V to 40V
• Operating Temperature Range . . . -40°C to +125°C
• No Phase Reversal
• Pb-Free (RoHS Compliant)
Related Literature*(see page 21)
•See AN1508 “ISL281X7SOICEVAL1Z Evaluation
Board User’s Guide”
•See AN1509 “ISL282X7SOICEVAL2Z Evaluation
Board User’s Guide”
Typical Application
Input Noise Voltage Spectral
Density
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
Sallen-Key Low Pass Filter (1kHz)
VIN
19.1k
48.7k
3.3nF
8.2nF
FREQUENCY (Hz)
10
100
1000
0.1
1
10
100
1k
10k
100k
V+ = ±19V
AV = 1
April 8, 2010
FN6631.2


Podobny numer części - ISL28107FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107FUZ INTERSIL-ISL28107FUZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FUZ INTERSIL-ISL28107FUZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FUZ INTERSIL-ISL28107FUZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Renesas Technology Corp
ISL28107FUZ RENESAS-ISL28107FUZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107FUZ-T13 INTERSIL-ISL28107FUZ-T13 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Podobny opis - ISL28107FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com