Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28207FBZ-T7 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28207FBZ-T7
Szczegółowy opis  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FBZ-T7 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28207FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28207FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
FN6631.2
April 8, 2010
VOH
Output Voltage High
RL = 10kΩ to ground
13.5
13.7
V
13.2
V
RL = 2kΩ to ground
13.3
13.55
V
13.1
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-13.7
-13.5
V
-
-13.2
V
RL = 2kΩ to ground
-13.55
-13.3
V
-
-13.1
V
IS
Supply Current/Amplifier
RL = Open
0.21
0.29
mA
0.35
mA
ISC
Output Short-Circuit Current (Note 7)
±40
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
±2.25
±20
V
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
1
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz, VS = ±19V
340
nVP-P
en
Voltage Noise Density
f = 10Hz, VS = ±19V
14
nV/√Hz
en
Voltage Noise Density
f = 100Hz, VS = ±19V
13
nV/√Hz
en
Voltage Noise Density
f = 1kHz, VS = ±19V
13
nV/√Hz
en
Voltage Noise Density
f = 10kHz, VS = ±19V
13
nV/√Hz
in
Current Noise Density
f = 10kHz, VS = ±19V
53
fA/√Hz
THD + N
Total Harmonic Distortion +
Noise
1kHz, G = 1, VO = 3.5VRMS, RL = 2kΩ
0.0035
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 10kΩ, VO = 10VP-P
±0.32
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
355
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL = 2kΩ
to VCM
365
ns
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1 VOUT = 10VP-P, Rg = Rf =10k,
RL =2kΩ to VCM
29
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, Rg = Rf =10k,
RL =2kΩ to VCM
31.2
µs
tOL
Output Overload Recovery
Time
AV = 100, VIN = 0.2V , RL = 2kΩ to VCM
6µs
Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT
ISL28107, ISL28207


Podobny numer części - ISL28207FBZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28207FBZ-T7 INTERSIL-ISL28207FBZ-T7 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ-T7 INTERSIL-ISL28207FBZ-T7 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ-T7A INTERSIL-ISL28207FBZ-T7A Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Podobny opis - ISL28207FBZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com