Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU16024KV Arkusz danych(PDF) 4 Page - Rohm

Numer części BU16024KV
Szczegółowy opis  HDMI Switch ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU16024KV Arkusz danych(HTML) 4 Page - Rohm

  BU16024KV Datasheet HTML 1Page - Rohm BU16024KV Datasheet HTML 2Page - Rohm BU16024KV Datasheet HTML 3Page - Rohm BU16024KV Datasheet HTML 4Page - Rohm BU16024KV Datasheet HTML 5Page - Rohm BU16024KV Datasheet HTML 6Page - Rohm BU16024KV Datasheet HTML 7Page - Rohm BU16024KV Datasheet HTML 8Page - Rohm BU16024KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Technical Note
4/19
BU16006KV, BU16018KV, BU16024KV, BU16027KV
www.rohm.com
2010.05 - Rev.E
© 2010 ROHM Co., Ltd. All rights reserved.
Symbol
Parameter
Test Conditions
Limits
Unit
Min.
Typ.
(1)
Max.
DDC Input and output
Tx
IlKT1
Input leak current
VI=5.5V
-10
-
10
μA
IlKT2
Input leak current
VI=Vcc
-10
-
10
μA
IOHT
High-level output current
VO=3.6V
-10
-
10
μA
IILT
Low-level input current
VI=GND
-10
-
10
μA
VOLT
Low-level output voltage
BU16006KV
BU16018KV
BU16027KV
RL=4.7k
0.43
0.5
0.57
V
BU16024KV
RL=4.7k
SELREF = NC
0.43
-
0.57
V
SELREF = GND
0.58
-
0.72
SELREF =Vcc
0.73
-
0.87
VOLT-VIL
Low-level input voltage below
output low-level voltage
BU16006KV
BU16018KV
BU16027KV
RL=4.7k
20
100
190
mV
BU16024KV
RL=4.7k
SELREF = NC
-
100
-
mV
SELREF= GND
-
250
-
SELREF = Vcc
-
400
-
Rx
IlKR1
Input leak current
VI=5.5V
-10
-
10
μA
IlKR2
Input leak current
VI=Vcc
-10
-
10
μA
IOHR
High-level output current
VO=3.6V
-10
-
10
μA
IILR
Low-level input current
VIL=GND
-10
-
10
μA
VOLR
Low-level output voltage
Iout = 4mA
-
-
0.2
V
HPD 1, HPD 2, HPD 3
VOH(TTL)
High level output voltage
IOH = -8mA
2.4
-
Vcc
V
VOL(TTL)
Low level output voltage
IOL = 8mA
0
-
0.4
V
CONTROL PINS
IIH
High level input current
VIH = Vcc
-10
-
10
μA
IIL
Low level input current
VIL = GND
-10
-
10
μA
CONTROL PINS (I
2CEN, SELREF,)
IIH
High level input current
VIH = Vcc
-45
-
45
μA
IIL
Low level input current
VIL = GND
-45
-
45
μA
HPD_SINK
IIH
High level input current
VIH = 5.5V
10
50
100
μA
VIH = Vcc
5
30
80
μA
IIL
Low –level input current
VIL = GND
-10
-
10
μA


Podobny numer części - BU16024KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16024KV ROHM-BU16024KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

Podobny opis - BU16024KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
logo
Sanken electric
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
   Low-side Switch ICs
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Sanken electric
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com