Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF182X Arkusz danych(PDF) 10 Page - Microchip Technology

Numer części LF182X
Szczegółowy opis  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LF182X Arkusz danych(HTML) 10 Page - Microchip Technology

Back Button LF182X Datasheet HTML 6Page - Microchip Technology LF182X Datasheet HTML 7Page - Microchip Technology LF182X Datasheet HTML 8Page - Microchip Technology LF182X Datasheet HTML 9Page - Microchip Technology LF182X Datasheet HTML 10Page - Microchip Technology LF182X Datasheet HTML 11Page - Microchip Technology LF182X Datasheet HTML 12Page - Microchip Technology LF182X Datasheet HTML 13Page - Microchip Technology LF182X Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
PIC16F/LF182X/PIC12F/LF1822
DS41390C-page 10
Advance Information
 2010 Microchip Technology Inc.
REGISTER 3-2:
CONFIGURATION WORD 1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
FCMEN
IESO
CLKOUTEN
BOREN1
BOREN0
CPD
CP
bit 13
bit 7
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
MCLRE
PWRTE
WDTE1
WDTE0
FOSC2
FOSC1
FOSC0
bit 6
bit 0
Legend:
W = Writable bit
‘0’ = Bit is cleared
R = Readable bit
‘1’ = Bit is set
x = Bit is unknown
-n = Value at POR
U = Unimplemented bit, read as ‘0’
P = Programmable Bit
bit 13
FCMEN: Fail-Safe Clock Monitor Enable bit
1 = Fail-Safe Clock Monitor is enabled
0 = Fail-Safe Clock Monitor is disabled
bit 12
IESO: Internal External Switchover bit
1 = Internal/External Switchover mode is enabled
0 = Internal/External Switchover mode is disabled
bit 11
CLKOUTEN: Clock Out Enable bit
1 = CLKOUT function is disabled. I/O or oscillator function on CLKOUT pin.
0 = CLKOUT function is enabled on CLKOUT pin
bit 10-9
BOREN<1:0>: Brown-out Reset Enable bits(1)
11 = BOR enabled
10 = BOR enabled during operation and disabled in Sleep
01 = BOR controlled by SBOREN bit of the PCON register
00 = BOR disabled
bit 8
CPD: Data Code Protection bit(2)
1 = Data memory code protection is disabled
0 = Data memory code protection is enabled
bit 7
CP: Code Protection bit(3)
1 = Program memory code protection is disabled
0 = Program memory code protection is enabled
bit 6
MCLRE: MCLR/VPP Pin Function Select bit
If LVP bit = 1:
This bit is ignored.
If LVP bit = 0:
1 =MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0 =MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up under control of WPUA register.
bit 5
PWRTE: Power-up Timer Enable bit(1)
1 = PWRT disabled
0 = PWRT enabled
bit 4-3
WDTE<1:0>: Watchdog Timer Enable bit
11 = WDT enabled
10 = WDT enabled while running and disabled in Sleep
01 = WDT controlled by the SWDTEN bit in the WDTCON register
00 = WDT disabled
bit 2-0
FOSC<2:0>: Oscillator Selection bits
111 = ECH: External Clock, High-Power mode: on CLKIN pin
110 = ECM: External Clock, Medium-Power mode: on CLKIN pin
101 = ECL: External Clock, Low-Power mode: on CLKIN pin
100 = INTOSC oscillator: I/O function on OSC1 pin
011 = EXTRC oscillator: RC function on OSC1 pin
010 = HS oscillator: High-speed crystal/resonator on OSC2 pin and OSC1 pin
001 = XT oscillator: Crystal/resonator on OSC2 pin and OSC1 pin
000 = LP oscillator: Low-power crystal on OSC2 pin and OSC1 pin
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire data EEPROM will be erased when the code protection is turned off during an erase.
3:
The entire program memory will be erased when the code protection is turned off.


Podobny numer części - LF182X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LF18AB STMICROELECTRONICS-LF18AB Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF18AB STMICROELECTRONICS-LF18AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF18AB STMICROELECTRONICS-LF18AB Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
LF18AB5V STMICROELECTRONICS-LF18AB5V Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF18ABDT STMICROELECTRONICS-LF18ABDT Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results

Podobny opis - LF182X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com