Zakładka z wyszukiwarką danych komponentów |
|
AM26LS31CN Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
AM26LS31CN Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 21 page www.ti.com PARAMETER MEASUREMENT INFORMATION Waveform 1 (see Note E) Output Z Output Y Input A (see Notes B and C) VOL VOH VOL VOH 3 V tPHL Skew Skew tPLH tPLH tPHL 0 V PROPAGATION DELAY TIMES AND SKEW TEST CIRCUIT VCC Test Point S1 S2 75 Ω 180 Ω CL (see Note A) From Output Under Test VOH VOL ≈1.5 V 0 V 3 V Enable G Enable G (see Note D) S1 Open S2 Closed S1 Closed S2 Open tPZH tPZL tPHZ tPLZ S1 Closed S2 Closed 0.5 V ≈0 V ≈4.5 V S1 Closed S2 Closed ≈1.5 V ENABLE AND DISABLE TIME WAVEFORMS See Note D NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO ≈ 50 Ω, tr ≤ 15 ns, tf ≤ 6 ns. C. When measuring propagation delay times and skew, switches S1 and S2 are open. D. Each enable is tested separately. E. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. 1.3 V 1.3 V 1.5 V 1.5 V 1.5 V 1.5 V Waveform 2 (see Note E) 0.5 V 1.5 V 1.5 V AM26LS31C, AM26LS31M QUADRUPLE DIFFERENTIAL LINE DRIVER SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006 Figure 1. Test Circuit and Voltage Waveforms 5 Submit Documentation Feedback |
Podobny numer części - AM26LS31CN |
|
Podobny opis - AM26LS31CN |