Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14203 Arkusz danych(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części LMZ14203
Szczegółowy opis  3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ14203 Arkusz danych(HTML) 9 Page - National Semiconductor (TI)

Back Button LMZ14203 Datasheet HTML 5Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 6Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 7Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 8Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 9Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 10Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 11Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 12Page - National Semiconductor (TI) LMZ14203 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Application Block Diagram
30107008
COT Control Circuit Overview
Constant On Time control is based on a comparator and an
on-time one shot, with the output voltage feedback compared
with an internal 0.8V reference. If the feedback voltage is be-
low the reference, the main MOSFET is turned on for a fixed
on-time determined by a programming resistor R
ON. RON is
connected to V
IN such that on-time is reduced with increasing
input supply voltage. Following this on-time, the main MOS-
FET remains off for a minimum of 260 ns. If the voltage on the
feedback pin falls below the reference level again the on-time
cycle is repeated. Regulation is achieved in this manner.
Design Steps for the LMZ14203
Application
The LMZ14203 is fully supported by Webench® and offers
the following: Component selection, electrical and thermal
simulations as well as the build-it board for a reduction in de-
sign time. The following list of steps can be used to manually
design the LMZ14203 application.
• Select minimum operating V
IN with enable divider resistors
• Program V
O with divider resistor selection
• Program turn-on time with soft-start capacitor selection
• Select C
O
• Select C
IN
• Set operating frequency with R
ON
• Determine module dissipation
• Layout PCB for required thermal performance
ENABLE DIVIDER, R
ENT AND RENB SELECTION
The enable input provides a precise 1.18V band-gap rising
threshold to allow direct logic drive or connection to a voltage
divider from a higher enable voltage such as V
IN. The enable
input also incorporates 90 mV (typ) of hysteresis resulting in
a falling threshold of 1.09V. The maximum recommended
voltage into the EN pin is 6.5V. For applications where the
midpoint of the enable divider exceeds 6.5V, a small zener
can be added to limit this voltage.
The function of this resistive divider is to allow the designer to
choose an input voltage below which the circuit will be dis-
abled. This implements the feature of programmable under
voltage lockout. This is often used in battery powered systems
to prevent deep discharge of the system battery. It is also
useful in system designs for sequencing of output rails or to
prevent early turn-on of the supply as the main input voltage
rail rises at power-up. Applying the enable divider to the main
input rail is often done in the case of higher input voltage sys-
tems such as 24V AC/DC systems where a lower boundary
of operation should be established. In the case of sequencing
supplies, the divider is connected to a rail that becomes active
earlier in the power-up cycle than the LMZ14203 output rail.
The two resistors should be chosen based on the following
ratio:
R
ENT / RENB = (VIN UVLO/ 1.18V) – 1 (1)
The LMZ14203 demonstration and evaluation boards use
11.8k
Ω for R
ENB and 68.1kΩ for RENT resulting in a rising UV-
LO of 8V. This divider presents 6.25V to the EN input when
the divider input is raised to 42V.
The EN pin is internally pulled up to VIN and can be left float-
ing for always-on operation.
OUTPUT VOLTAGE SELECTION
Output voltage is determined by a divider of two resistors
connected between V
O and ground. The midpoint of the di-
vider is connected to the FB input. The voltage at FB is
compared to a 0.8V internal reference. In normal operation
an on-time cycle is initiated when the voltage on the FB pin
falls below 0.8V. The main MOSFET on-time cycle causes the
output voltage to rise and the voltage at the FB to exceed
0.8V. As long as the voltage at FB is above 0.8V, on-time
cycles will not occur.
The regulated output voltage determined by the external di-
vider resistors R
FBT and RFBB is:
V
O = 0.8V * (1 + RFBT / RFBB) (2)
Rearranging terms; the ratio of the feedback resistors for a
desired output voltage is:
R
FBT / RFBB = (VO / 0.8V) - 1 (3)
9
www.national.com


Podobny numer części - LMZ14203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
logo
Texas Instruments
LMZ14203 TI-LMZ14203 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
More results

Podobny opis - LMZ14203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ10504 NSC-LMZ10504_1 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com