Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS1501-7R Arkusz danych(PDF) 3 Page - Power-One

Numer części LS1501-7R
Szczegółowy opis  100 Watt AC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-ONE [Power-One]
Strona internetowa  http://www.power-one.com
Logo POWER-ONE - Power-One

LS1501-7R Arkusz danych(HTML) 3 Page - Power-One

  LS1501-7R Datasheet HTML 1Page - Power-One LS1501-7R Datasheet HTML 2Page - Power-One LS1501-7R Datasheet HTML 3Page - Power-One LS1501-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
Edition 4/04.2001
S Series
100 Watt AC-DC Converters
Environmental
Operating ambient temperature
Ui nom, Io nom, convection cooled
–25...71
°C
Operating case temperature
TC Ui nom, Io nom
–25...95
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 6 ms
100 gn
Bump
IEC/EN 60068-2-29, 6 ms
40 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
MTBF
MIL-HDBK-217F, GB, 40
°C
500'000 h
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
40...110%
Uo nom, excludes feature R and vice versa
P
Input and/or output undervoltage monitoring, excludes option V
D0…D9
Input and/or output undervoltage monitoring (VME), excludes option D
V0, V2, V3
Current sharing
T
Cooling plate
B1
Pin allocation
Pin
LS 4000
LS 5000
4
Vo1+
Output 1
Vo2+
Output 2
6
Vo1+
Vo2+
8
Vo1–
Output 1
Vo2–
Output 2
10
Vo1–
Vo2–
12
S+
Sense
Vo1+
Output 1
14
S–
Sense
Vo1–
16
R
Control of
Uo1
R
Control of
Uo1
18
i
Inhibit
i
Inhibit
20
D
Save data
D
Save data
V
ACFAIL
22
T
Current sharing
T
Current sharing
24
Protective earth
Protective earth
26
N
Neutral
N
Neutral
28
N
N
30
P
Phase
P
Phase
32
P
P
S10002
32 28 24 20 16 12
8
4
30 26 22 18 14 10
6


Podobny numer części - LS1501-7R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RSG Electronic Componen...
LS150 RSG-LS150 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
LS150-12 RSG-LS150-12 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
LS150-12 TDK-LS150-12 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS150-15 RSG-LS150-15 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
LS150-15 TDK-LS150-15 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
More results

Podobny opis - LS1501-7R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
LS4000 POWER-ONE-LS4000 Datasheet
599Kb / 27P
   100 Watt AC-DC Converters with PFC
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB100-110S CINCON-CHB100-110S Datasheet
189Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Power-One
AS1001-7R POWER-ONE-AS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
CQB100-110S3V3 CINCON-CQB100-110S3V3 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Power-One
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
LKP5662-7R POWER-ONE-LKP5662-7R Datasheet
90Kb / 4P
   250 Watt AC-DC Converters
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com