Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A6542 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TS5A6542
Szczegółowy opis  0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A6542 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS5A6542_09 Datasheet HTML 4Page - Texas Instruments TS5A6542_09 Datasheet HTML 5Page - Texas Instruments TS5A6542_09 Datasheet HTML 6Page - Texas Instruments TS5A6542_09 Datasheet HTML 7Page - Texas Instruments TS5A6542_09 Datasheet HTML 8Page - Texas Instruments TS5A6542_09 Datasheet HTML 9Page - Texas Instruments TS5A6542_09 Datasheet HTML 10Page - Texas Instruments TS5A6542_09 Datasheet HTML 11Page - Texas Instruments TS5A6542_09 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TS5A6542
SCDS211C – AUGUST 2006 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
V+ = 2.25 V to 2.75 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO
25°C
1
1.3
VNO or VNC = 1.8 V,
Switch ON,
ON-state resistance
ron
2.25 V
Ω
ICOM = –100 mA,
See Figure 14
Full
1.6
ON-state resistance
VNO or VNC = 1.8 V,
25°C
0.15
0.2
Switch ON,
match between
Δron
0.8 V,
2.25 V
Ω
See Figure 14
Full
0.2
channels
ICOM = –100 mA,
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25°C
0.5
ICOM = –100 mA,
See Figure 14
ON-state resistance
ron(flat)
2.25 V
Ω
VNO or VNC = 0.8 V, 1 V,
25°C
0.25
0.5
flatness
Switch ON,
1.8 V,
See Figure 14
Full
0.6
ICOM = –100 mA,
VNO = 0.5 V, 2.2 V,
25°C
–20
2
20
VCOM = 2.2 V, 0.5 V,
VNC = Open,
NO, NC
INO(OFF), INC
Switch OFF,
or
2.75 V
nA
OFF leakage current
(OFF)
See Figure 15
Full
–50
50
VNC = 0.5 V, 2.2 V,
VCOM = 2.2 V, 0.5 V,
VNO = Open,
VNO = 0.5 V, 2.2 V,
25°C
–10
2
10
VNC and VCOM = Open,
NC, NO
Switch ON,
INO(ON)
or
2.75 V
nA
ON leakage current
See Figure 16
Full
–20
20
VNC = 2.2 V, 0.5 V,
VNO and VCOM = Open,
VCOM = 0.5 V,
25°C
–10
2
10
VNO and VNC = Open,
COM
Switch ON,
ICOM(ON)
or
2.75 V
nA
ON leakage current
See Figure 16
Full
–20
20
VCOM = 2.2 V,
VNO and VNC = Open,
Digital Control Input (IN)(2)
0.65
Input logic high
VIH
VIO = 1.65 V to 1.95 V
Full
VIO
V
× VIO
0.35
Input logic low
VIL
VIO = 1.65 V to 1.95 V
Full
0
V
× VIO
25°C
–2
2
Input leakage current
IIH, IIL
VI = VIO or 0
2.75 V
nA
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VIO or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A6542


Podobny numer części - TS5A6542_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A6542YZPR TI-TS5A6542YZPR Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZPR TI1-TS5A6542YZPR Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZTR TI-TS5A6542YZTR Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

Podobny opis - TS5A6542_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com