Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A6542 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A6542
Szczegółowy opis  0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A6542 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TS5A6542 Datasheet HTML 5Page - Texas Instruments TS5A6542 Datasheet HTML 6Page - Texas Instruments TS5A6542 Datasheet HTML 7Page - Texas Instruments TS5A6542 Datasheet HTML 8Page - Texas Instruments TS5A6542 Datasheet HTML 9Page - Texas Instruments TS5A6542 Datasheet HTML 10Page - Texas Instruments TS5A6542 Datasheet HTML 11Page - Texas Instruments TS5A6542 Datasheet HTML 12Page - Texas Instruments TS5A6542 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TS5A6542
www.ti.com
SCDS211C – AUGUST 2006 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
(continued)
V+ = 2.25 V to 2.75 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Dynamic
25°C
2.5 V
5
20
35
VCOM = V+,
CL= 35 pF,
Turn-on time
tON
ns
RL = 50 Ω,
See Figure 18
Full
2.25 V
5
40
25°C
2.5 V
2
10
20
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
RL = 50 Ω,
See Figure 18
Full
2.25 V
2
25
25°C
2.5 V
1
11
20
Break-before-make
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
time
RL = 50 Ω,
See Figure 19
Full
2.25 V
1
25
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
5
pC
RGEN = 0,
See Figure 23
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 17
25°C
2.5 V
38
pF
OFF capacitance
Switch OFF,
VNC or VNO = V+ or
NC, NO
CNC(ON),
GND,
See Figure 17
25°C
2.5 V
135
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 17
25°C
2.5 V
135
pF
ON capacitance
Switch ON,
Digital input
CI
VI = VIO or GND,
See Figure 17
25°C
2.5 V
6.5
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 20
25°C
2.5 V
40
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 21
25°C
2.5 V
–63
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 22
25°C
2.5 V
–63
dB
f = 1 MHz,
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
0.00
THD
kHz,
25°C
2.5 V
%
distortion
CL = 50 pF,
8
See Figure 24
Supply
25°C
10
25
Positive supply
I+
VI = VIO or GND
2.75 V
nA
current
Full
100
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS5A6542


Podobny numer części - TS5A6542

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZPR TI-TS5A6542YZPR Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZPR TI1-TS5A6542YZPR Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZTR TI-TS5A6542YZTR Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

Podobny opis - TS5A6542

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com