Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K10P-11A55-120 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części K10P-11A55-120
Szczegółowy opis  15 Amp General Purpose Miniature Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

K10P-11A55-120 Arkusz danych(HTML) 2 Page - Tyco Electronics

  K10P-11A55-120 Datasheet HTML 1Page - Tyco Electronics K10P-11A55-120 Datasheet HTML 2Page - Tyco Electronics K10P-11A55-120 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
721
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Mounting Code 1
Socket Mount
Outline Dimensions
Mounting Code 5
Mounting Code T
Printed Circuit Terminals
Our authorized distributors are more likely to stock the following items for immediate delivery.
.394
(10.01)
w/NEON INDICATOR
1.600 MAX.
(40.64)
.25 (6.4)
1.375 MAX.
(34.93)
.020
± .0 02
(.51
± .05)
.187
± .0 02
(4.75
± .05)
.125
(3.18)
.078
(1.98)
1.109 MAX.
(28.17)
.860 MAX.
(21.84)
.559
(14.20)
.281
(7.14)
.517
(13.13)
.181
(4.60)
.239 REF.
(6.07)
.160
(4.06)
.020
± .0 02
(.51
± .05)
.078
(1.98)
.086 DIA.
(2.18)
.394
(10.01)
.185
(4.70)
.232
(5.89)
.559
(14.20)
.285
(7.24)
1
2
3
4
5
6
A
B
PC Board Layout
Wiring Diagram
.854 MAX.
(21.69)
1.682 MAX.
(42.72)
.078 TYP.
(1.98)
.142 TYP.
(3.61)
12
3
4
5
6
A
B
K10P-11A15-6
K10P-11A15-12
K10P-11A15-24
K10P-11A15-120
K10P-11AT5-120
K10P-11D15-6
K10P-11D15-12
K10P-11D15-24
K10P-11D15-110
K10P-11D55-12
K10P-11D55-24
K10P-11D55-110
K10P-11DT5-12
K10P-11DT5-24
Ordering Information
Typical Part No.
B
K10
P
-11
D
1
5
-6
1. Basic Series:
K10 = 15 amp miniature relay.
2. Cover:
P = Polycarbonate (smoke color).
3. Contact Arrangement:
11 = 2 Form C (DPDT)
4. Coil Input:
A = 50/60 Hz. AC
D = DC
5. Mounting & Termination:
1 = Socket mount; .187" (4.75mm) quick connect/solder terminals.
5 = Printed circuit terminals; .160" length.
T = Mounting bracket on end of cover; .187" (4.75mm) quick connect/solder terminals.
6. Contact Type:
5 = 15 amp silver-cadmium oxide
7. Coil Voltage:
To 240VAC or 110VDC, see coil data table.


Podobny numer części - K10P-11A55-120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
K10P-11A15-12 MACOM-K10P-11A15-12 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
K10P-11A15-120 MACOM-K10P-11A15-120 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
K10P-11A15-24 MACOM-K10P-11A15-24 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
K10P-11A15-6 MACOM-K10P-11A15-6 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
K10P-11AT5-120 MACOM-K10P-11AT5-120 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
More results

Podobny opis - K10P-11A55-120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com