Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6VJ1 Arkusz danych(PDF) 3 Page - Tyco Electronics

Numer części 6VJ1
Szczegółowy opis  Voltage Selecting and Fused Connector with Optional RFI Power Line Filter for General Purpose Applications for UL544 Health Care Equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

6VJ1 Arkusz danych(HTML) 3 Page - Tyco Electronics

  6VJ1 Datasheet HTML 1Page - Tyco Electronics 6VJ1 Datasheet HTML 2Page - Tyco Electronics 6VJ1 Datasheet HTML 3Page - Tyco Electronics 6VJ1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
116
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
J Series
CORCOM Product Guide
Voltage Selecting and Fused Connector with Optional RFI Power Line Filter for
General Purpose Applications for UL544 Health Care Equipment (Continued)
Case Styles
Recommended Panel Cutout
Unfiltered and Filtered Models
Unfiltered Models
Filtered Models
*±.003
Note 4:
Fuse cover door shown in open condition.
Note 5:
Standard units mount in panel thickness of .060 - .090"
Special mounting clips sold separately for panel thickness of
.105-.125".
See Accessories List on next page.
Case Dimensions
Part No.
AB
C
D
(max)
(max)
(max)
(max)
Unfiltered
2.68
1.52
1.17
1.23
6VJ1/6VJ1-2
68.1
38.6
29.7
31.2
Filtered
2.75
1.87
1.17
1.58
6J4/6J4-2
69.9
47.5
29.7
40.1
6HJ4-4/6HJ4-2
2.75
1.87
1.17
1.58
69.9
47.5
29.7
40.1
A
C
B
D
Note 5
.110 [2.79]
Terminals
A
Note 5
.110 [2.79]
Terminals
C
B
D
Note 4
Bezel
2.60*
66.0
2.68
68.1
3.00
76.2
1.063*
27.0
1.17
29.7
Mounting diagram
(Clearance)


Podobny numer części - 6VJ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
6VJ1 MACOM-6VJ1 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
TE Connectivity Ltd
6VJ1 TEC-6VJ1 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
Tyco Electronics
6VJ1-2 MACOM-6VJ1-2 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
TE Connectivity Ltd
6VJ1-2 TEC-6VJ1-2 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
Tyco Electronics
6VJ1 MACOM-6VJ1_11 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
More results

Podobny opis - 6VJ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
1EAH1 MACOM-1EAH1 Datasheet
301Kb / 2P
   For UL544 Health Care Equipment
logo
Total Power Internation...
TPHBU31 TOTAL-POWER-TPHBU31 Datasheet
272Kb / 2P
   Medical Power Supplies For Health Care Applications
logo
Astrodyne Corporation
AHP6301 ASTRODYNE-AHP6301 Datasheet
1Mb / 6P
   63W Medical Power Adapters for Health Care Applications
logo
Tyco Electronics
3EXM1S MACOM-3EXM1S Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
logo
MPS Industries, Inc.
MPU60A MPSIND-MPU60A Datasheet
174Kb / 2P
   763W Desk Top Swithching Power Supplies For health Care Applications
HPU63B MPSIND-HPU63B Datasheet
231Kb / 2P
   63W Desk Top Swithching Power Supplies For health Care Applications
HPU63A MPSIND-HPU63A Datasheet
312Kb / 2P
   63W Desk Top Swithching Power Supplies For health Care Applications
logo
Tyco Electronics
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
MPS Industries, Inc.
HBU60 MPSIND-HBU60 Datasheet
366Kb / 2P
   60W Open frame type medical power supplies for health care applications
HPU31B MPSIND-HPU31B Datasheet
272Kb / 2P
   30W Desk top type medical power supplies for health care applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com