Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM26LV31IDR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części AM26LV31IDR
Szczegółowy opis  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31IDR Arkusz danych(HTML) 3 Page - Texas Instruments

  AM26LV31IDR Datasheet HTML 1Page - Texas Instruments AM26LV31IDR Datasheet HTML 2Page - Texas Instruments AM26LV31IDR Datasheet HTML 3Page - Texas Instruments AM26LV31IDR Datasheet HTML 4Page - Texas Instruments AM26LV31IDR Datasheet HTML 5Page - Texas Instruments AM26LV31IDR Datasheet HTML 6Page - Texas Instruments AM26LV31IDR Datasheet HTML 7Page - Texas Instruments AM26LV31IDR Datasheet HTML 8Page - Texas Instruments AM26LV31IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
Electrical Characteristics
AM26LV31C, AM26LV31I
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS201G – MAY 1995 – REVISED MAY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.3
6
V
VI
Input voltage range
–0.3
6
V
VO
Output voltage range
–0.3
6
V
D package
73
θ
JA
Package thermal impedance(3)
°C/W
NS package
64
Lead temperature
1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–30
mA
IOL
Low-level output current
30
mA
AM26LV31C
0
70
TA
Operating free-air temperature
°C
AM26LV31I
–45
85
over recommended operating supply-voltage and free-air temperature ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = 18 mA
–1.5
V
VOH
High-level output voltage
VIH = 2 V,
IOH = –12 mA
1.85
2.3
V
VOL
Low-level output voltage
VIL = 0.8 V,
IOH = 12 mA
0.8
1.05
V
|VOD|
Differential output voltage(2)
0.95
1.5
V
VOC
Common-mode output voltage
1.3
1.55
1.8
V
RL = 100 Ω
Change in magnitude of
∆|V
OC|
±0.2
V
common-mode output voltage(2)
IO
Output current with power off
VO = –0.25 V or 6 V,
VCC = 0
±100
µA
Off-state (high-impedance state)
IOZ
VO = –0.25 V or 6 V,
G = 0.8 V or G = 2 V
±100
µA
output current
IH
High-level input current
VCC = 0 or 3 V,
VI = 5.5 V
10
µA
IL
Low-level input current
VCC = 3.6 V,
VI = 0
–10
µA
IOS
Short-circuit output current
VCC = 3.6 V,
VO = 0
–200
mA
ICC
Supply current (all drivers)
VI = VCC or GND,
No load
100
µA
Power-dissipation capacitance
Cpd
No load
160
pF
(all drivers)(3)
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
∆|V
OD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to
a low level.
(3)
Cpd determines the no-load dynamic current consumption. IS = Cpd × VCC × f + ICC
3


Podobny numer części - AM26LV31IDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26LV31IDR TI-AM26LV31IDR Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31IDR TI-AM26LV31IDR Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31IDRE4 TI-AM26LV31IDRE4 Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31IDRG4 TI-AM26LV31IDRG4 Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

Podobny opis - AM26LV31IDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_07 Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com