Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6VM4 Arkusz danych(PDF) 8 Page - Tyco Electronics

Numer części 6VM4
Szczegółowy opis  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM4 Arkusz danych(HTML) 8 Page - Tyco Electronics

  6VM4 Datasheet HTML 1Page - Tyco Electronics 6VM4 Datasheet HTML 2Page - Tyco Electronics 6VM4 Datasheet HTML 3Page - Tyco Electronics 6VM4 Datasheet HTML 4Page - Tyco Electronics 6VM4 Datasheet HTML 5Page - Tyco Electronics 6VM4 Datasheet HTML 6Page - Tyco Electronics 6VM4 Datasheet HTML 7Page - Tyco Electronics 6VM4 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
131
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
M Series
CORCOM Product Guide
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
FILTERED MODELS
Part
RFI
Current Rating
Current Rating
Available Voltage
DPST
Mounting
Number
Filter
@120VAC
@250VAC
Selection
On/Off
Style
Type
(Amps)
(Amps)
Positions
Switch
3EXM1S
SMPS FCC-B1
32
1
••
Flange
3EXM4
SMPS FCC-B1
3
2
4
Flange
3EXM4S
SMPS FCC-B1
3
24
••
Flange
3EZM1S
SMPS EN55022-B2
3
21
••
Flange
3EZM4
SMPS EN55022-B2
3
2
4
Flange
3EZM4S
SMPS EN55022-B2
32
4
••
Flange
5EHM1
Medical3
5
4
1
Flange
5EHM1S
Medical3
54
1
••
Flange
5EHM4
Medical3
5
4
4
Flange
5EHM4S
Medical3
54
4
••
Flange
5EFM1
General Purpose
5
4
1
Flange
5EFM1C
General Purpose
5
4
1
Snap-in
5EFM1S
General Purpose
54
1
••
Flange
5EFM1SC
General Purpose
5
4
1
••
Snap-in
5EFM4
General Purpose
5
4
4
Flange
5EFM4C
General Purpose
5
4
4
Snap-in
5EFM4S
General Purpose
54
4
••
Flange
5EFM4SC
General Purpose
5
44
••
Snap-in
•• Includes DPST switch
UNFILTERED MODELS
Part
Current Rating
Current Rating
Available Voltage
DPST
Mounting
Number
@120VAC
250VAC
Selection
On/Off
Style
(Amps)
(Amps)
Position
Switch
6VM1
6
6
1
Flange
6VM1C
6
6
1
Snap-in
6VM1S
6
4
1
••
Flange
6VM1SC
6
4
1
••
Snap-in
6VM2
6
6
2
Flange
6VM2S
6
62
••
Flange
6VM4
6
6
4
Flange
6VM4C
6
6
4
Snap-in
6VM4S
6
4
4
••
Flange
6VM4SC
6
4
4
••
Snap-in
•• Includes DPST switch
1-120V/240V Fixed, 2 - 120/240V Selectable, 4- 100, 120, 230, 240V selectable
1 Emissions filter for switching power supply applications where FCC-B level requirements must be met
2 Emissions filter for switching power supply applications where En5502-B level requirements must be met
3 Medical filter for very low leakage UL544, UL2601 and EN60601 health care applications
General purpose filer for susceptibility applications


Podobny numer części - 6VM4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
6VM4 MACOM-6VM4 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
6VM4 TEC-6VM4 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Tyco Electronics
6VM4C MACOM-6VM4C Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
6VM4C TEC-6VM4C Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Tyco Electronics
6VM4S MACOM-6VM4S Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
More results

Podobny opis - 6VM4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com