Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-U86-D1427-10421 Arkusz danych(PDF) 4 Page - Amphenol Corporation

Numer części P-U86-D1427-10421
Szczegółowy opis  2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U86-D1427-10421 Arkusz danych(HTML) 4 Page - Amphenol Corporation

  P-U86-D1427-10421 Datasheet HTML 1Page - Amphenol Corporation P-U86-D1427-10421 Datasheet HTML 2Page - Amphenol Corporation P-U86-D1427-10421 Datasheet HTML 3Page - Amphenol Corporation P-U86-D1427-10421 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
8.00
16.00
24.00
32.00
42.10
51.63
49.60
4.50
(SEE NOTE 1)
BSC
0
0.65
2.20
3.59
5.14
6.52
7.50
0.73
2.28
3.67
3.93
3.93
NOTES:
1. DATUM AND BASIC DIMENSIONS
ESTABLISHED BY CUSTOMER.
2. 1.05 mm DIAMETER HOLES ARE
CHASSIS GROUND (13 HOLES).
REVISIONS
REV
DESCRIPTION
DATE
APPRD
A
PROPOSAL DRAWING
MAY27/09
0.05 S
X Y
-Z-
0.05 M Z S X
-D-
G
Y
X
1.05±0.05 (TYP.)
1.85±0.05
DETAIL H
SCALE 10 : 1
2.50
(TYP.)
1.10 (TYP.)
B
C
D
12
A
3
2
1
4
B
A
56
C
P-U86-D1427-X0XX1
X
X
X
FEB23/09
FEB23/09
X
X
X
J.SI
J.SI
03554
CODE IDENT. NO.
A
2:1
TITLE
4 OF 4
DESIGNED
N/A
MATERIAL AND FINISH
X.XX 0.15
X.X 0.25
1
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DWG APP'D
IE APP'D
QA APPD
CHECKED
DRAWN
APPROVALS
DATE
2X1 SFP+ ULTRA-PORT COMBO
WITH LIGHT PIPE
(ELASTOMERIC GASKET)
REV.
SHEET
A4
DWG. NO.
PROJECT
SIZE
SCALE
REF.
Amphenol Canada Corp.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
X
H
SCALE 5 : 1
DETAIL G
-E-
X
D
M
0.05
M
0.05 M D M E M
11.15
1.60 (TYP.)
1.85±0.05
0.46±0.05 (20 PLCS)


Podobny numer części - P-U86-D1427-10421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-U86-D1627-X0XX1 AMPHENOL-P-U86-D1627-X0XX1 Datasheet
185Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
More results

Podobny opis - P-U86-D1427-10421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-U86-D1627-X0XX1 AMPHENOL-P-U86-D1627-X0XX1 Datasheet
185Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U77-CX61M-X081 AMPHENOL-P-U77-CX61M-X081 Datasheet
734Kb / 11P
   1XN SFP CAGE SPRINGFINGER EMI, WITH LIGHT PIPE
P-U77-AX41M-X081 AMPHENOL-P-U77-AX41M-X081 Datasheet
240Kb / 6P
   1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
logo
Molex Electronics Ltd.
1700718011 MOLEX11-1700718011 Datasheet
480Kb / 4P
   ZSFP STACKED ASSY WITH LIGHT PIPES AND ELASTOMERIC GASKET
0747500071 MOLEX11-0747500071 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500075 MOLEX11-0747500075 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500077 MOLEX11-0747500077 Datasheet
36Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Dual Light Pipe
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com